Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 153 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 149Page - STMicroelectronics UM0851 Datasheet HTML 150Page - STMicroelectronics UM0851 Datasheet HTML 151Page - STMicroelectronics UM0851 Datasheet HTML 152Page - STMicroelectronics UM0851 Datasheet HTML 153Page - STMicroelectronics UM0851 Datasheet HTML 154Page - STMicroelectronics UM0851 Datasheet HTML 155Page - STMicroelectronics UM0851 Datasheet HTML 156Page - STMicroelectronics UM0851 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 245 page
background image
UM0851
Accelerator engine device drivers
Doc ID 16604 Rev 2
153/245
Figure 40.
JPGC block diagram
The main features of the JPGC are:
●
Compliance with the baseline JPEG standard (ISO/IEC 10918-1)
●
Single-clock per pixel encoding/decoding
●
Support for four channel interface: Pixel In, Compressed Out, Compressed In, Pixel
Out
●
8-bit/channel pixel depths
●
Programmable quantization tables (up to four)
●
Programmable Huffman tables (two AC and two DC)
●
Programmable Minimum Coded Unit (MCU)
●
Configurable JPEG headers processing
●
Support for restart marker insertion
●
Chunk by chunk processing of data at source and destination side
●
Use of two DMA channels and two 8 x 32-bits FIFOs (local to the JPGC) for efficient
transferring and buffering of encoded/decoded data from/to the codec core
●
Output decoded data is in the MCU format. It is neither planar nor interleaved.
6.1.2
Software overview
The JPEG controller driver supports both JPEG encoding and decoding with/without header
processing enabled. It acts as an interface between user level applications and the JPEG
codec. JPEG driver provides a char device interface to the user application and can be used
from user level only. JPEG driver accepts (for encoding) and gives (for decoding) data in
MCU format.
The overall JPEG codec software system architecture is shown in Figure 41 below.
DM A C
CODE C
Co n tro lle r
FIFO
In
FIFO
Ou t
CO D E C
Co re
In te rn a l me mo rie s
AH B M a s te r
AH B Sla v e
AH B Sla v e
AH B Sla v e
AH B Sla v e
AH B Bu s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com