Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 152 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 148Page - STMicroelectronics UM0851 Datasheet HTML 149Page - STMicroelectronics UM0851 Datasheet HTML 150Page - STMicroelectronics UM0851 Datasheet HTML 151Page - STMicroelectronics UM0851 Datasheet HTML 152Page - STMicroelectronics UM0851 Datasheet HTML 153Page - STMicroelectronics UM0851 Datasheet HTML 154Page - STMicroelectronics UM0851 Datasheet HTML 155Page - STMicroelectronics UM0851 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 245 page
background image
Accelerator engine device drivers
UM0851
152/245
Doc ID 16604 Rev 2
6
Accelerator engine device drivers
SPEAr family devices have several embedded engines for processing specific tasks directly
in hardware. These engines accelerate system throughput and off-load the CPU at the
same time.
This section describes the drivers for the following SPEAr accelerator engines:
●
JPEG codec
●
DMA
6.1
JPEG driver
This section describes the JPEG encoder/decoder driver.
6.1.1
Hardware overview
The JPEG codec is connected to the AHB bus. It is able to decode (and encode) image data
contained in memory, from the JPEG (or YUV) format to the YUV (or JPEG) format with or
without header processing.
The codec core implements all the required steps for encoding and decoding image data
according to the JPEG baseline algorithm as specified in ISO/IEC 10918-1. It is specifically
designed to accelerate entropy-coded segment (ECS) encoding and decoding, because this
forms the most computing-intensive part of the baseline JPEG algorithm.
The codec core can enable/disable header processing. If disabled, only the ECS data are
generated / decoded. Support for restart markers is also provided: the codec core
recognizes them in the encoded stream when decoding, and can optionally insert them
when encoding. JPEG encoded data streams decoded by the codec core must be compliant
with the interchange format syntax specified in ISO/IEC 10918-1. JFIF images (the de-facto
standard used to encoded JPEG images) are also supported.
The codec core receives its input data from the FIFO IN buffer. This data can be either:
●
A sequence of minimum coded units (MCU), if the JPGC is used as an encoder from
YUV to JPEG. The MCU is the minimum number of block that can be encoded or
decoded.
●
A stream of entropy coded segments (ECS) if the JPGC is used as a decoder from
JPEG to YUV.
Conversely, output data from the codec core are sent to the FIFO Out buffer as:
●
An ECS stream , whenever the JPGC is working as an encoder
●
An MCU sequence, whenever the JPGC is working as a decoder
The codec controller manages the data flow between the codec core and the FIFO buffers
and between the FIFO buffers and the external RAM. In order to accomplish the latter task,
it uses the DMAC to perform fast data transfers. The overall JPEG codec block diagram is
shown in Figure 40 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com