Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 156 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 152Page - STMicroelectronics UM0851 Datasheet HTML 153Page - STMicroelectronics UM0851 Datasheet HTML 154Page - STMicroelectronics UM0851 Datasheet HTML 155Page - STMicroelectronics UM0851 Datasheet HTML 156Page - STMicroelectronics UM0851 Datasheet HTML 157Page - STMicroelectronics UM0851 Datasheet HTML 158Page - STMicroelectronics UM0851 Datasheet HTML 159Page - STMicroelectronics UM0851 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 245 page
background image
Accelerator engine device drivers
UM0851
156/245
Doc ID 16604 Rev 2
On success, zero is returned, otherwise on error, -1 is returned and errno is set
appropriately.
After completion of processing, if user needs to encode/decode another image, then user
don't have to close JPEG nodes, de-allocate buffer memory and open the nodes again. User
can simply call this function again with size of new input data. This resets complete JPEG
system (software and hardware).
Set JPEG Info
JPEG can perform four types of operations. They are:
●
Encoding with header processing (EWH): Output JPEG image will have header as part
of image.
●
Encoding without header processing (EWOH): Output JPEG image will not have
header as part of image.
●
Decoding with header processing (DWH): Input JPEG image will have header as part
of image.
●
Decoding without header processing (DWOH): Input JPEG image will not have header
as part of image.
You need to pass JPEG header and compression table information to JPEG driver in all
above cases, except DWH. In DWH JPEG codec extracts header and table information from
input JPEG image. Before proceeding with encoding/decoding, you will provide header and
table information to JPEG driver (not required for DWH).
Use the following system call to set JPEG info for EWH and EWOH:
ioctl(wfd, JPEGIOC_SET_ENC_INFO, &enc_info);
wfd: file descriptor of jpeg write node.
JPEGIOC_SET_ENC_INFO: ioctl command for setting JPEG encoding information.
enc_info: structure containing jpeg encoding information.
Description of enc_info structure:
struct jpeg_enc_info {
struct jpeg_hdr hdr;/* jpeg image header */
int hdr_enable; /* header processing enable/disable */
char qnt_mem[QNT_MEM_SIZE]; /* quantization memory */
char dht_mem[DHT_MEM_SIZE]; /* DHT memory */
char henc_mem[HENC_MEM_SIZE]; /* Huff enc memory */
};
Description of jpeg_hdr structure:
struct jpeg_hdr {
u32 num_clr_cmp;
/* number of color components minus 1. */
u32 clr_spc_type; /* number of quantization tables in the output stream. */
u32 num_cmp_for_scan_hdr; /* number of components for scan
header marker segment
minus 1.*/
u32 rst_mark_en;/* restart marker enable/disable */
u32 xsize; /* number of pixels per line */
u32 ysize; /* number of lines. */
u32 mcu_num; /* this value defines the number of minimum coded units to be coded,
minus 1 */
u32 mcu_num_in_rst; /* number of mcu's between two restart markers minus 1.*/
struct mcu_composition mcu_comp[MAX_MCU_COMP]; /* represents MCU composition */
};
Description of mcu_composition structure:
struct mcu_composition {



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com