Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 183 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 179Page - STMicroelectronics UM0851 Datasheet HTML 180Page - STMicroelectronics UM0851 Datasheet HTML 181Page - STMicroelectronics UM0851 Datasheet HTML 182Page - STMicroelectronics UM0851 Datasheet HTML 183Page - STMicroelectronics UM0851 Datasheet HTML 184Page - STMicroelectronics UM0851 Datasheet HTML 185Page - STMicroelectronics UM0851 Datasheet HTML 186Page - STMicroelectronics UM0851 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 245 page
background image
UM0851
Human interface device (HID) drivers
Doc ID 16604 Rev 2
183/245
'value' is the value the event carries. Either a relative change for EV_REL, absolute new
value for EV_ABS (joysticks ...), or 0 for EV_KEY for release, 1 for key press and 2 for
autorepeat
7.2.5
Configuration options
References
●
Linux-2.6.27/Documentation/input/input.txt
●
Linux-2.6.27/Documentation/input/input-programming.txt
7.3
ADC driver
This section describes the ADC controller driver.
7.3.1
Hardware overview
An analog-to-digital converter, or simply ADC, is a semiconductor device that converts an
analog signal to digital codes that consist of 1's and 0's. In the real world, most of the signals
sensed and processed by humans are analog signals. Analog-to-digital conversion is the
primary means by which analog signals are converted into digital data that can be
processed by computers for various purposes.
Table 48.
Keypad configuration options
Configuration option
Comment
CONFIG_INPUT
This option enables input device (mouse, keyboard, Touchscreen,
joystick etc) connected to the system
CONFIG_INPUT_EVDEV
This option make input device events be accessible under char
device 13:64+ - /dev/input/eventX in a generic way
CONFIG_INPUT_KEYBOARD
Enables KEYBOARD devices.
CONFIG_
KEYBOARD_SPEAR
Enables spear keypad support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com