Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 185 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 181Page - STMicroelectronics UM0851 Datasheet HTML 182Page - STMicroelectronics UM0851 Datasheet HTML 183Page - STMicroelectronics UM0851 Datasheet HTML 184Page - STMicroelectronics UM0851 Datasheet HTML 185Page - STMicroelectronics UM0851 Datasheet HTML 186Page - STMicroelectronics UM0851 Datasheet HTML 187Page - STMicroelectronics UM0851 Datasheet HTML 188Page - STMicroelectronics UM0851 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 245 page
background image
UM0851
Human interface device (HID) drivers
Doc ID 16604 Rev 2
185/245
Figure 50.
ADC driver architecture
7.3.3
ADC usage in Linux
ADC can be accessed from two levels in Linux:
User level: User level applications must include include/linux/spr_adc_st10_usr.h file to
access data types related to ADC. In order to use the ADC at user level you need to create
nodes for the ADC. The major number is allocated dynamically to the ADC driver. To obtain
the major number of the ADC, run the following command after startup:
cat /proc/devices
Character devices:
1 mem
2 pty
3 ttyp
4 /dev/vc/0
4 tty
4 ttyS
5 /dev/tty
5 /dev/console
5 /dev/ptmx
7 vcs
9 st
10 misc
13 input
29 fb
89 i2c
90 mtd
128 ptm
136 pts
180 usb
189 usb_device
206 osst
250 usb_endpoint
251 C3
252 spear-adc
254 rtc
User space
Kernel space
Hardware
Linux char device framework
Linux drivers
ADC driver
ADC (ST10) IP
User application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com