Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 184 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 180Page - STMicroelectronics UM0851 Datasheet HTML 181Page - STMicroelectronics UM0851 Datasheet HTML 182Page - STMicroelectronics UM0851 Datasheet HTML 183Page - STMicroelectronics UM0851 Datasheet HTML 184Page - STMicroelectronics UM0851 Datasheet HTML 185Page - STMicroelectronics UM0851 Datasheet HTML 186Page - STMicroelectronics UM0851 Datasheet HTML 187Page - STMicroelectronics UM0851 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 245 page
background image
Human interface device (HID) drivers
UM0851
184/245
Doc ID 16604 Rev 2
Figure 49.
ADC block diagram
When you scan a picture with a scanner what the scanner is doing is an analog-to-digital
conversion: it is taking the analog information provided by the picture (light) and converting
into digital. When you record your voice or use a VoIP solution on your computer, you are
using an analog-to-digital converter to convert your voice, which is analog, into digital
information.
Digital information is not only restricted to computers. When you talk on the phone, for
example, your voice is converted into digital (at the central office switch, if you use an analog
line, or at you home, if you use a digital line like ISDN or DSL), since your voice is analog
and the communication between the phone switches is done digitally.
SPEAr includes an Analog-to-Digital Converter (ADC), which is connected to the APB bus. It
is a successive approximation ADC and its main features are:
●
10 bit resolution
●
8 analog input (AIN) channels, ranging from 0 to 2.5 V
●
For each input, the number of samples to be collected for average calculation can be
one (no average) or up to 128 as 2's power (2, 4, 8...).
●
Normal or enhanced mode: In normal mode, a single conversion is perfomed on one
channel. In enhanced mode, the ADC converts the selected channels continuously
inserting a selectable amount of time between two conversions.
●
Positive and negative reference voltages can be supplied by dedicated pins to select
different conversion range (Default 0 - 2.5V)
7.3.2
Software overview
The ADC can be accessed from two levels in Linux:
●
From the user level by operating on nodes created for ADC channels
●
From other kernel modules
The ADC converts the analog voltage present on the analog input pin (AIN). The A/D
conversion is done as configured by the ADC driver. The converted voltage then is returned
as a digital value to the ADC driver. The ADC software system architecture is shown in the
following figure.
ADC
Configuration registers
Conversion data
APB bus
8 analog inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com