Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 189 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 185Page - STMicroelectronics UM0851 Datasheet HTML 186Page - STMicroelectronics UM0851 Datasheet HTML 187Page - STMicroelectronics UM0851 Datasheet HTML 188Page - STMicroelectronics UM0851 Datasheet HTML 189Page - STMicroelectronics UM0851 Datasheet HTML 190Page - STMicroelectronics UM0851 Datasheet HTML 191Page - STMicroelectronics UM0851 Datasheet HTML 192Page - STMicroelectronics UM0851 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 245 page
background image
UM0851
Human interface device (HID) drivers
Doc ID 16604 Rev 2
189/245
be stored. Type of data is unsigned int.
Count: can be greater than one only for channel zero where dma
transfers are possible. For all other channels it must be
equal to one otherwise error is returned. */
On success zero is returned, otherwise negative standard kernel errors are returned.
Get ADC configuration
Use the following calls to get the configuration of the ADC device:
User level:
ioctl (fd, ADCIOC_GET_CONFIG, &config);
On success zero is returned otherwise -1 is returned and errno is set appropriately.
Kernel level:
spear_adc_get_configure(dev, ADC_CHANNEL0, config);
On success zero is returned, otherwise negative standard kernel errors are returned.
In the function calls, config is instance of the previously defined struct adc_config.
Get ADC channel configuration
Use the following calls to get the configuration of any ADC channel:
User level:
ioctl (fd, ADCIOC_GET_CHAN_CONFIG, &chan_config);
On success, zero is returned otherwise -1 is returned and errno is set appropriately.
Kernel level:
spear_adc_get_chan_configure(dev, chan_config);
On success, zero is returned otherwise negative standard kernel errors are returned.
In the function calls, chan_config is an instance of the previously defined struct
adc_chan_config.
Close / put channel
The channel must be freed after you have finished using it to convert data for the moment.
This is done using the following call:
User level:
close(fd);
On success, zero is returned otherwise -1 is returned and errno is set appropriately.
Kernel level:
spear_adc_chan_put(dev, ADC_CHANNEL0);
On success, zero is returned otherwise negative standard kernel errors are returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com