Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 192 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 192 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 188Page - STMicroelectronics UM0851 Datasheet HTML 189Page - STMicroelectronics UM0851 Datasheet HTML 190Page - STMicroelectronics UM0851 Datasheet HTML 191Page - STMicroelectronics UM0851 Datasheet HTML 192Page - STMicroelectronics UM0851 Datasheet HTML 193Page - STMicroelectronics UM0851 Datasheet HTML 194Page - STMicroelectronics UM0851 Datasheet HTML 195Page - STMicroelectronics UM0851 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 245 page
background image
Audio/video drivers
UM0851
192/245
Doc ID 16604 Rev 2
8.1.2
Software overview
The CLCD device driver sits on top of the CLCD Controller and provides all necessary
functions for a graphic application via the standard Linux framebuffer interface. The CLCD
software system architecture is shown in Figure 52.
Figure 52.
CLCD software architecture
The CLCD device driver for linux is 'drivers/video/amba-clcd.c'.
8.1.3
CLCD device driver interface with framebuffer layer
The framebuffer layer is a part of the Linux kernel and should not be confused with the
CLCD Panel Data Framebuffer register in the CLCD Controller (which is also referred to as
frame buffer memory).
The framebuffer device provides a general abstraction of the graphics hardware and allows
the application software to access the graphics hardware through a well-defined
programming interface, so the application software does not need to know anything about
the low-level part (hardware registers). Figure 53 briefly illustrates the advantage of the
framebuffer layer.
CLCD panel
User space
Kernel space
Hardware
X,GTK,QT
Framebuffer layer
CLCD driver
CLCD
controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com