Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 190 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 186Page - STMicroelectronics UM0851 Datasheet HTML 187Page - STMicroelectronics UM0851 Datasheet HTML 188Page - STMicroelectronics UM0851 Datasheet HTML 189Page - STMicroelectronics UM0851 Datasheet HTML 190Page - STMicroelectronics UM0851 Datasheet HTML 191Page - STMicroelectronics UM0851 Datasheet HTML 192Page - STMicroelectronics UM0851 Datasheet HTML 193Page - STMicroelectronics UM0851 Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 245 page
background image
Human interface device (HID) drivers
UM0851
190/245
Doc ID 16604 Rev 2
7.3.4
Known issues or limitations
There are some known issues with the current hardware or driver.
●
DMA is only available for Channel 0. This is a limitation of ADC Device.
●
In SPEAr300, DMA on ADC channel zero is not working due to a hardware issue
7.3.5
ADC device driver performance
The performance measurement has been performed using:
Hardware: ARM926EJS (333MHz), SPEAr600 and SPEAr300 boards.
Kernel: linux-2.6.27
7.3.6
Configuration options
7.3.7
References
●
SPEAr ADC Driver "drivers/char/spr_adc_st10.c", "drivers/char/spr_adc_st10.h" and
"include/linux/spr_adc_st10_usr.h".
7.3.8
LCD panel support
SPEAr supports LCD panels of different resolutions.
Pls refer to Section 8.1: LCD controller (CLCD) driver for more details.
7.3.9
USB HID Class Support
If needed it is possible to plug to SPEAr USB mice and keyboards, which will be accessed
through the USB HID class.
Please refer to the Section 4.3: USB Host for more details.
Table 49.
ADC configurations options
Configuration option
Comment
CONFIG_SPEAR_ADC_ST10
This option enables the ADC driver in Linux.
CONFIG_SPEAR_DMAC_PL080
This option enables DMA transfers on ADC channel 0 by
enabling support for DMA driver.
CONFIG_SPEAR_ADC_ST10_DEBUG
This option enables ADC debug prints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com