Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 193 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 189Page - STMicroelectronics UM0851 Datasheet HTML 190Page - STMicroelectronics UM0851 Datasheet HTML 191Page - STMicroelectronics UM0851 Datasheet HTML 192Page - STMicroelectronics UM0851 Datasheet HTML 193Page - STMicroelectronics UM0851 Datasheet HTML 194Page - STMicroelectronics UM0851 Datasheet HTML 195Page - STMicroelectronics UM0851 Datasheet HTML 196Page - STMicroelectronics UM0851 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 245 page
background image
UM0851
Audio/video drivers
Doc ID 16604 Rev 2
193/245
Figure 53.
Framebuffer layer of Linux
The kernel's frame buffer interface thus allows applications to be independent of the specific
characteristics of the underlying graphics hardware. Applications can run unchanged over
diverse types of video hardware if they and the display drivers conform to the framebuffer
interface.
If standard GUIs (Graphic User Interface) such as MiniGUI, MicroWindows are used, LCD
device drivers must be implemented as Linux framebuffer device drivers in addition to those
low level operations which only deal with commands provided by LCD controllers.
The device is accessed through special device nodes, usually located in the /dev directory,
and have names such as /dev/fb0 (or /dev/fb/0), /dev/fb1 etc.
The framebuffer devices are also `normal' memory devices, this means one can read and
write their contents. You can, for example, even make a screen snapshot by:
# cat /dev/fb0 > myfile
Application software that uses the frame buffer device (e.g. the X server), uses /dev/fb0 by
default.
An alternative frame buffer device can be specified by setting the environment variable
$FRAMEBUFFER to the path name of a frame buffer device, for example:
# export FRAMEBUFFER=/dev/fb1 (for sh/bash users)
# setenv FRAMEBUFFER /dev/fb1 (for csh users)
After this the X server will use the second frame buffer:
# export FRAMEBUFFER=/dev/fb1
(for sh/bash users)
Framebuffer
driver 1
Video card 1
Framebuffer
driver N
Video card N
... video cards using
different graphics
controllers
Common Framebuffer API
GUIs, consoles,
movie players etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com