Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 197 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 197 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 193Page - STMicroelectronics UM0851 Datasheet HTML 194Page - STMicroelectronics UM0851 Datasheet HTML 195Page - STMicroelectronics UM0851 Datasheet HTML 196Page - STMicroelectronics UM0851 Datasheet HTML 197Page - STMicroelectronics UM0851 Datasheet HTML 198Page - STMicroelectronics UM0851 Datasheet HTML 199Page - STMicroelectronics UM0851 Datasheet HTML 200Page - STMicroelectronics UM0851 Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 245 page
background image
UM0851
Audio/video drivers
Doc ID 16604 Rev 2
197/245
fbfd = open("/dev/fb0", O_RDWR);
/* Open the file for reading and
writing */
ioctl(fbfd, FBIOGET_FSCREENINFO, &finfo)
/* Get fixed screen information */
ioctl(fbfd, FBIOGET_VSCREENINFO, &vinfo)
/* Get variable screen information */
vinfo.activate |= FB_ACTIVATE_FORCE | FB_ACTIVATE_NOW;
ioctl(fbfd, FBIOPUT_VSCREENINFO, &vinfo)
/* Put variable screen information to
Switch ON CLCD Panel */
screensize = vinfo.xres * vinfo.yres * vinfo.bits_per_pixel / 8; /* Figure out the
size of the screen in bytes */
/* Map the device to memory */
fbp = (char *)mmap( 0, screensize, PROT_READ | PROT_WRITE, MAP_SHARED, fbfd, 0 );
/*Loop will draw 3 color bands: blue, green and red */
for ( location = 0, y = 0; y < vinfo.yres; y++ )
for ( x = 0; x < vinfo.xres; x++ ) {
if ( y < (vinfo.yres/3)
)
{
*(fbp + location)
= 0xFF;/*show Blue */
*(fbp + location+1) = 0;
/*no Green*/
*(fbp + location+2) = 0;
/*no Red */
*(fbp + location+3) = 0;
/*No Transparency */
}
else if ( y < (2*vinfo.yres/3)
)
{
*(fbp + location) = 0xFF;/* no Blue */
*(fbp + location + 1) = 0;/* show Green */
*(fbp + location + 2) = 0;/* no Red */
*(fbp + location + 3) = 0;/* No transparency */
}
else {
*(fbp + location)
= 0;/* no Blue */
*(fbp + location + 1) = 0;
/* no Green */
*(fbp + location + 2) = 0xFF;/* show Red */
*(fbp + location + 3) = 0;/* No transparency */
}
location +=4;
}
Note:
The CLCD controller is connected to DDR through port of MPMC (DDR controller). The
priority of the MPMC ports can be tuned by Xloader. A low proirity for port of CLCD can
cause a slow performance hence resulting in flickering on the CLCD panel. Therefore,
currently Xloader sets the highest priority for the CLCD port.
8.1.6
Kernel configuration options
Table 51.
CLCD configuration options
Configuration option
Comment
CONFIG_FB
This option is used to enable the framebuffer
Driver support
CONFIG_FB_ARMCLCD
This framebuffer device driver is for the ARM
PrimeCell PL110 Colour LCD controller.
CONFIG_FB_ARMCLCD_SAMSUNG_LMS700
This option selects the Samsung 7" panel.
CONFIG_FB_ARMCLCD_SHARP_LQ043T1DG01
This option selects the Sharp 4.3" panel.
CONFIG_FB_CFB_FILLRECT
This option includes the cfb_fillrect function
for generic software rectangle filling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com