Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 201 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 201 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 197Page - STMicroelectronics UM0851 Datasheet HTML 198Page - STMicroelectronics UM0851 Datasheet HTML 199Page - STMicroelectronics UM0851 Datasheet HTML 200Page - STMicroelectronics UM0851 Datasheet HTML 201Page - STMicroelectronics UM0851 Datasheet HTML 202Page - STMicroelectronics UM0851 Datasheet HTML 203Page - STMicroelectronics UM0851 Datasheet HTML 204Page - STMicroelectronics UM0851 Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 245 page
background image
UM0851
Audio/video drivers
Doc ID 16604 Rev 2
201/245
};
/* input clock source selection */
enum spear_tdm_clock {
TDM_CLK_CLKSM = 1, /* slave mode clock coming on CLK pin */
TDM_CLK_CLKROSC1,
/* It is the internally generated source clock, generally
24MHz.*/
TDM_CLK_CLKRSYNT3,
/* Internal clock, can be taken from PLL1 or PLL2 */
TDM_CLK_PLCLK4
/* External clock source,can be taken some external clock
source generator.*/
};
Sync signal generation
This API is used to configure the sync signal. It specifies the start and end of the signal. The
first argument is the structure of the sync register and the second argument defines whether
the channel used is narrowband or wideband.
spear_tdm_set_sync (struct spear_sync_gen *sync,u8 pcm_synchro);
struct spear_sync_gen {
enum spear_sync_type sync_type; /* used for the generation of sync signal.*/
enum spear_sync_delay delay; /* indicates the sync generation delayed value.*/
u8 sync_aligned;
/* indicates no delay. For delay pass sync_aligned
as 1 */
};
enum spear_sync_delay {
NODELAY = 0, //for no delay
DELAY1
= 1, //for 1 byte delay
DELAY2
= 2 , //for 2 byte delay
DELAY4
= 4
//for 4byte delay
};
enum spear_sync_type {
SYNC0 = 0, /* used in slave mode, sampled at slave clock rate (ClkSM) */
SYNC1, /* used in master mode */
SYNC2, /* used in master mode */
SYNC3 /* used in master mode */
};
Configuring timeslot
Configuring timeslot number
This API is used to configure the timeslot number register. The argument specifies the
number of timeslots contained in the frame. By programming 2 in the timeslot register
indicates that the sync signal will be generated after two timeslots.
/* max_ts: specifies the maximum number of timeslot user wants to configure. Maximum
timeslot can be configure is 1024(0x400). It will return zero on success and negative
value on error.*/
spear_tdm_ts_max(u32 max_ts);
Channel configuration
This API indicates how many channels are present. It also indicates how many valid bits are
used to indicate the channel number. The API is not used in Switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com