Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 203 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 203 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 199Page - STMicroelectronics UM0851 Datasheet HTML 200Page - STMicroelectronics UM0851 Datasheet HTML 201Page - STMicroelectronics UM0851 Datasheet HTML 202Page - STMicroelectronics UM0851 Datasheet HTML 203Page - STMicroelectronics UM0851 Datasheet HTML 204Page - STMicroelectronics UM0851 Datasheet HTML 205Page - STMicroelectronics UM0851 Datasheet HTML 206Page - STMicroelectronics UM0851 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 245 page
background image
UM0851
Audio/video drivers
Doc ID 16604 Rev 2
203/245
struct list_head rx_list; /* List for received request */
struct list_head tx_list; /* List for transmit request */
};
TDM switching start
This API is used to activate TDM switching.
/* spear_ts : timeslot structure (as explained above)
pcm_synchro: indicate whether the channel used is narrowband/wideband Inside
buffer bank, memory pointer increases differently for each frame, according to the
kind of frame. Frame types are :
TDM_NARROWBAND_COMPANDED :
Companded (8 bit) samples, the pointer will progress
by 1 byte at each frame.
TDM_NARRORBAND_LINEAR:
Linear (16 bits) samples, the pointer will progress
by 2 bytes at each frame. The two bytes will be in
consecutive timeslots.
TDM_WIDEBAND_COMPANDED:
the pointer will also progress by 2 bytes at each
frame. The first sample will be in the first half of
the frame and the second sample in the second half.
TDM_WIDEBAND_LINEAR:
For wideband linear samples, the pointer will
progress by 4 bytes at each frame. Two bytes are
located in the first half of the frame, two other in
the second half.
dir: Direction for the switching(IN/OUT/BOTH)
Note: Not used in bufferization. */
spear_tdm_sw_start (struct spear_ts *ts1 , struct spear_ts *ts2 , u8 pcm_synchro ,
int dir);
TDM switching stop
This API is used to deactivate TDM switching.
/* spear_ts: timeslot structure (as explained above)
The api will stop switching operation for the given timeslot.
Note: Not used in bufferization.*/
spear_tdm_sw_stop(struct spear_ts *ts);
Buffer write
This API is used to write data to the buffer memory. The information concerning the data
(data pointer, data length, …) are in the struct spear_tdm_request.
/* spear_ts: timeslot structure. (as explained above)
spear_tdm_req: transmit request. Every request is added in tx_list,On reception of
interrupt req will be extracted from the tx_list and served. spear_tdm_req: structure
describe one i/o request.
Note: Not used in switching.*/
spear_tdm_bfr_write (struct spear_ts *spear_ts, struct spear_tdm_req *req);
struct spear_tdm_req {
u8 *buf; /* Buffer used for data storage */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com