Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 199 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 195Page - STMicroelectronics UM0851 Datasheet HTML 196Page - STMicroelectronics UM0851 Datasheet HTML 197Page - STMicroelectronics UM0851 Datasheet HTML 198Page - STMicroelectronics UM0851 Datasheet HTML 199Page - STMicroelectronics UM0851 Datasheet HTML 200Page - STMicroelectronics UM0851 Datasheet HTML 201Page - STMicroelectronics UM0851 Datasheet HTML 202Page - STMicroelectronics UM0851 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 245 page
background image
UM0851
Audio/video drivers
Doc ID 16604 Rev 2
199/245
Figure 54.
TDM Cell
The switching feature uses a total of 2048 memory locations, each 8 bits wide. Switching
means that all the input timeslots of a frame received on the TDM are stored in the memory
and at the next frame, this data will be sent on the timeslot that is required to be switched.
Consider an example of switching: TS3 is switched with TS1021. It means that during TS3,
the TS3 content received on the DIN pin is stored at the 3rd byte of the storage part of the
switching memory while TS1021 of the previous frame (1021st byte of the reading part of
the switching memory) is played on the DOUT pin. During TS1021, TS1021 received on the
DIN pin is stored at the 1021st byte of the storage part of the switching memory while TS3 of
the previous frame (3rd byte of the reading part of the switching memory) is played on the
TDM output, allowing a phone call to be established between the caller connected on TS3
and the one connected on TS1021.
Figure 55.
TDM waveforms
8.2.2
Software overview
The TDM device driver sits on top of the TDM Controller and provides all necessary
functions for switching and bufferization.
The TDM software system architecture is represented in the Figure 56.
Switched
data
state
machine
Bufferized
data
state
machine
Switching
memory
B0
Switching
memory
B1
Buffer
memory
B0
Buffer
memory
B1
Action
memory
AHB
interface
DIN
DOUT
CLK
SYNC
Input
frame
Frame n
Frame n + 1
ITS0
ITSx
ITS31 ITS0
ITS31
ITSx
OTS0
OTS31
OTSy
OTSy
y > x
Output
frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com