Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 194 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 190Page - STMicroelectronics UM0851 Datasheet HTML 191Page - STMicroelectronics UM0851 Datasheet HTML 192Page - STMicroelectronics UM0851 Datasheet HTML 193Page - STMicroelectronics UM0851 Datasheet HTML 194Page - STMicroelectronics UM0851 Datasheet HTML 195Page - STMicroelectronics UM0851 Datasheet HTML 196Page - STMicroelectronics UM0851 Datasheet HTML 197Page - STMicroelectronics UM0851 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 245 page
background image
Audio/video drivers
UM0851
194/245
Doc ID 16604 Rev 2
#setenv FRAMEBUFFER /dev/fb1(for csh users)
Data structure of framebuffer
●
The struct fb_info defines the current state of the video card. struct fb_info is only
visible from the kernel. Inside struct fb_info, there is a struct fb_ops which is a collection
of the functions needed to make the driver work. struct fb_info is the central data
structure of framebuffer drivers. This structure is defined in include/linux/fb.h as follows:
struct fb_info {
/* ... */
struct fb_var_screeninfo var; /* Variable screen information*/
struct fb_fix_screeninfo fix; /* Fixed screen information*/
/* ... */
struct fb_cmap cmap; /* Color map*/
/* ... */
struct fb_ops *fbops; /* Driver operations*/
/* ... */
char __iomem *screen_base; /* Frame buffer's virtual address */
unsigned long screen_size; /* Frame buffer's size */
/* ... */
/* From here on everything is device dependent */
void *par; /* Private area */
}
Memory for struct fb_info is allocated by framebuffer_alloc(), a library routine provided
by the framebuffer core. This function also takes the size of a private area as an
argument and appends it to the end of the allocated struct fb_info. This private area can
be referenced using the par pointer in the struct fb_info.
●
The user application program can use the ioctl () system call to perform low level
operations on theLCD hardware.
Methods defined in 'struct fb_ops' are used to support these operations. The struct
fb_ops' structure contains the addresses of all entry points provided by the low-level
framebuffer driver.
The first few methods in struct fb_ops' are necessary for the functioning of the driver,
while the remaining are optional ones that provide for graphics acceleration. The CLCD
device driver fills this structure (with all hardware related routines) and exports it to
framebuffer layer. The responsibility of each function is briefly explained within
comments:
struct fb_ops {
struct module *owner;
int (*fb_open)(struct fb_info *info, int user);/* Driver open */
int (*fb_release)(struct fb_info *info, int user);/* Driver close */
/* ... */
int (*fb_check_var)(struct fb_var_screeninfo *var, struct fb_info *info);
/* Sanity check on video parameters */
int (*fb_set_par)(struct fb_info *info);
/* Configure the video controller
registers */
int (*fb_setcolreg)(unsigned regno, unsigned red, unsigned green, unsigned blue,
unsigned transp, struct fb_info *info);/* Create pseudo color palette map
*/
int (*fb_blank)(int blank, struct fb_info *info);/* Blank/unblank display
*/
/* ... */
/* Accelerated method to fill a rectangle with pixel lines */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com