Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 212 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 212 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 208Page - STMicroelectronics UM0851 Datasheet HTML 209Page - STMicroelectronics UM0851 Datasheet HTML 210Page - STMicroelectronics UM0851 Datasheet HTML 211Page - STMicroelectronics UM0851 Datasheet HTML 212Page - STMicroelectronics UM0851 Datasheet HTML 213Page - STMicroelectronics UM0851 Datasheet HTML 214Page - STMicroelectronics UM0851 Datasheet HTML 215Page - STMicroelectronics UM0851 Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 245 page
background image
Miscellaneous device drivers
UM0851
212/245
Doc ID 16604 Rev 2
watchdog is intended to be used to generate a system reset if a software failure (or a system
hang) occurs.
The main features of the watchdog module are listed below
●
32-bit down counter with a programmable timeout interval
●
Interrupt generation on timeout
●
Reset signal generation on timeout, if the interrupt from the previous timeout remains
pending (not serviced)
●
Lock register to protect registers from being altered by runaway software
Figure 59.
WDT interface
The down counter is driven by the WDT clock, which is the oscillator clock, 30 MHz in
SPEAr600 and 24 MHz in SPEAr3xx.
9.2.2
Software overview
The watchdog driver for SPEAr in the Linux support package is part of standard Linux
watchdog framework. Watchdog drivers in Linux are based on character device using misc
device layer and provide a standard set of ioctls to the user. Through this interface you can
configure, program and refresh the watchdog timer. You can use the standard Linux
watchdog daemon to configure and periodically pat (refresh) the driver in order to avoid
system reset. A software crash or hang would thus prevent this pat from happening and
hence cause a system reset after timeout.
The following figure describes the watchdog framework.
Watchdog timer
Load register
Control
register
32-bit down counter
Interrupt and reset generation
APB
interface
WDT clock
WDT interrupt
WDT reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com