Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 216 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 216 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 212Page - STMicroelectronics UM0851 Datasheet HTML 213Page - STMicroelectronics UM0851 Datasheet HTML 214Page - STMicroelectronics UM0851 Datasheet HTML 215Page - STMicroelectronics UM0851 Datasheet HTML 216Page - STMicroelectronics UM0851 Datasheet HTML 217Page - STMicroelectronics UM0851 Datasheet HTML 218Page - STMicroelectronics UM0851 Datasheet HTML 219Page - STMicroelectronics UM0851 Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 245 page
background image
Miscellaneous device drivers
UM0851
216/245
Doc ID 16604 Rev 2
Figure 61 below shows three different PWM signals. Figure 61 (a) shows a PWM output at a
10% duty cycle. That is, the signal is on for 10% of the period and off the other 90%.
Figure 61 (b) and (c), show PWM outputs at 50% and 90% duty cycles, respectively. These
three PWM outputs encode three different analog signal values, at 10%, 50%, and 90% of
the full strength. If, for example, the supply is 9 V and the duty cycle is 10%, a 0.9 V analog
signal results.
Figure 61.
PWM output with (a) 10%, (b) 50% and (c) 90% duty cycle
SPEAr320 contains a PWM IP with four independent channels (PWM1, PWM2, and PWM3,
PWM4). All four channels are functionally identical. Using a 16-bit counter, each PWM
channel generates a rectangular output pulse with programmable duty factor (0 to 100%)
and frequency.
Features of SPEAr320 PWM:
●
Four independent PWM channels
●
Prescaler to define the input clock frequency to each timer
●
Programmable duty factor from 0 to 100%
●
Programmable pulse frequency, or period
●
APB clock (PCLK ~ 83 MHz) as the source clock for prescaler
The relationship of duty to period is described in the following figure:
10%
50%
90%
On = high level, Off = low level
(a)
(b)
(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com