Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 214 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 214 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 210Page - STMicroelectronics UM0851 Datasheet HTML 211Page - STMicroelectronics UM0851 Datasheet HTML 212Page - STMicroelectronics UM0851 Datasheet HTML 213Page - STMicroelectronics UM0851 Datasheet HTML 214Page - STMicroelectronics UM0851 Datasheet HTML 215Page - STMicroelectronics UM0851 Datasheet HTML 216Page - STMicroelectronics UM0851 Datasheet HTML 217Page - STMicroelectronics UM0851 Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 245 page
background image
Miscellaneous device drivers
UM0851
214/245
Doc ID 16604 Rev 2
fd = open(wdt_dev, O_RDWR);
if (fd < 0) {
printf("Error in opening device\n");
}
Configuring WDT
IOCTL calls can be used to program and configure watchdog timer. The following code
snippet demonstrates the use of these ioctls.
int ret = 0;
int timeleft=0;
struct watchdog_info ident;
int timeout = 45;
/* in seconds */
/* to find out supported options in watchdog */
ret = ioctl(fd, WDIOC_GETSUPPORT, &ident);
/* to set time out */
ioctl(fd, WDIOC_SETTIMEOUT, &timeout);
/* to find out how much time is left before reset */
ret = ioctl(fd, WDIOC_GETTIMEOUT, &timeleft);
/* Refresh watchdog timer at every 10 secs to prevent reset */
while (1) {
ioctl(fd, WDIOC,KEEPALIVE, 0);
sleep(10);
}
The following table lists the standard ioctl calls supported by the SPEAr watchdog driver.
Watchdog deamon
The watchdog is a daemon. It opens /dev/watchdog, and keeps writing to it often enough to
keep the kernel from resetting, at least once per minute. Each write delays the reboot time
another minute. After a minute the watchdog hardware generates a reset. The watchdog
can be stopped without causing a reboot if the device /dev/watchdog is closed correctly,
unless your kernel is compiled with the CONFIG_WATCHDOG_NOWAYOUT option
enabled.
Table 56.
Watchdog IOCTLs
IOCTLs
Purpose
WDIOC_GETSUPPORT
The fields returned in the ident structure are:
identity: A string identifying the watchdog driver firmware_version: the
firmware version of the card if available.
options: A flags describing what the device supports.
WDIOC_KEEPALIVE
This ioctl does exactly the same thing as a write to the watchdog device
and hence refreshes the timer
WDIOC_SETTIMEOUT
Set time out in seconds, after which reset would be generated (if wdt is
not refreshed)
WDIOC_GETTIMEOUT
Query the current timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com