Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 218 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 218 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 214Page - STMicroelectronics UM0851 Datasheet HTML 215Page - STMicroelectronics UM0851 Datasheet HTML 216Page - STMicroelectronics UM0851 Datasheet HTML 217Page - STMicroelectronics UM0851 Datasheet HTML 218Page - STMicroelectronics UM0851 Datasheet HTML 219Page - STMicroelectronics UM0851 Datasheet HTML 220Page - STMicroelectronics UM0851 Datasheet HTML 221Page - STMicroelectronics UM0851 Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 245 page
background image
Miscellaneous device drivers
UM0851
218/245
Doc ID 16604 Rev 2
Label: is a string passed by user as a unique identification of user.
struct pwm_device: is local to pwm driver. Its internals are not for user
driver. Only pointer to this must be saved for any future communication
with PWM driver.*/
struct pwm_device *pwm_request(int pwm_id, const char *label);
This function returns pointer to struct pwm_device structure if the PWM channel is free,
otherwise errno is returned.
Configure
The user driver must configure the PWM channel with required duty and period in
nanoseconds. This is done using the following function call.
/* pwm: is pointer to channel previously allocated.
duty_ns: is duty in nanoseconds.
period_ns: is period in nanoseconds. */
int pwm_config(struct pwm_device *pwm, int duty_ns, int period_ns);
It returns zero on success otherwise errno is returned.
12.936 sec >= period_ns > 12 nsec
period_ns >= duty_ns > 12 nsec
Enable
After configuring the PWM channel, it must be enabled. This is done using the following
function call.
/* pwm: is pointer to channel previously allocated. */
int pwm_enable(struct pwm_device *pwm);
It returns zero on success otherwise errno is returned.
Disable
After using the PWM channel, it must be disabled. This is done using the following function
call.
/* pwm: is pointer to channel previously allocated. */
void pwm_disable(struct pwm_device *pwm);
Free
The PWM channel must be freed, once it is used. This can be done using the following
function call.
/* Pwm: is pointer to channel previously allocated. */
void pwm_free(struct pwm_device *pwm);
9.3.4
Configuration options
Table 58.
SDIO menuconfig kernel options
Configuration option
Comment
CONFIG_ SPEAR_PWM
This option enables SPEAr PWM driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com