Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 220 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 216Page - STMicroelectronics UM0851 Datasheet HTML 217Page - STMicroelectronics UM0851 Datasheet HTML 218Page - STMicroelectronics UM0851 Datasheet HTML 219Page - STMicroelectronics UM0851 Datasheet HTML 220Page - STMicroelectronics UM0851 Datasheet HTML 221Page - STMicroelectronics UM0851 Datasheet HTML 222Page - STMicroelectronics UM0851 Datasheet HTML 223Page - STMicroelectronics UM0851 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 245 page
background image
Power management section
UM0851
220/245
Doc ID 16604 Rev 2
10
Power management section
"Power Management" means that parts of your computer are shut off or put into a power
conserving mode if they are not being used. The techniques of clock frequency are also part
of power management.
10.1
Hardware overview
The hardware section has been divided into two subsections based on the power
management techniques that have been used in the software. Each subsection is based on
the software architectures that have been followed in the design.
10.1.1
Power management techniques
The System Control State Machine allows you to reduce power consumption by controlling
the clock inputs to the CPU. It has four states:
●
SLEEP
●
DOZE (reset state)
●
SLOW
●
NORMAL
All transitions between states are software controllable except for SLEEP to DOZE which is
activated only by a hardware event.
Figure 64.
System control state machine
The system control state machine is used to select the input frequency applied to the
system.
DOZE
SLOW
SLEEP
NORMAL
Performances
Consumption
IRQ, FIQ
and RESET
Dynamic
Frequency
Scaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com