Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 223 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 219Page - STMicroelectronics UM0851 Datasheet HTML 220Page - STMicroelectronics UM0851 Datasheet HTML 221Page - STMicroelectronics UM0851 Datasheet HTML 222Page - STMicroelectronics UM0851 Datasheet HTML 223Page - STMicroelectronics UM0851 Datasheet HTML 224Page - STMicroelectronics UM0851 Datasheet HTML 225Page - STMicroelectronics UM0851 Datasheet HTML 226Page - STMicroelectronics UM0851 Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 245 page
background image
UM0851
Power management section
Doc ID 16604 Rev 2
223/245
10.2.1
Linux power management PM framework
The Power Management framework provides the basic framework for system wide power
management. The framework in Linux is a BIOS-less implementation of the existing
Standard APM (Advanced Power Management) model.
The framework supports the low power state transitions in Suspend-To-RAM or Standby
modes. The details of the modes are as follows:
●
Standby mode
: This state offers minimal, though real, power savings, while providing
a very low-latency transition back to a working system. Devices are suspended and
their clocks are gated, system and device state are saved in memory but no operating
state is lost (the CPU, Devices retains power), so the system easily starts up again
where it left off. The memory is placed in self refresh mode.
●
Suspend-to-RAM (STR)
: This state offers significant power savings as everything in
the system is put into a low-power state, except for memory, which is placed in self-
refresh mode to retain its contents. System and device state is saved and kept in
memory. All devices are suspended. In many cases, all peripheral buses lose power
when entering STR, so devices must be able to handle the transition back to the On
state. STR requires some minimal boot-strapping code to resume the system from
STR.
Note:
In the current software release LSPv2.3, both Suspend to RAM and Standby modes are
treated in an identical way. The system goes into sleep mode, everything except the wake-
up sources is suspended.
Features of the framework
●
Support for System Sleep model: The drivers can enter low power states as part of
entering system-wide low-power states like "Suspend-To-RAM".
●
Role of device drivers: The Device, Bus, and Class drivers collaborate by implementing
various role-specific suspend and resume methods to cleanly power down hardware
and software subsystems, then reactivate them without loss of data.
●
Static implementation: that is, the System Suspend-To-RAM is triggered from user
space through sysfs.
10.2.2
Linux clock framework
The clock framework has been devised to model the hardware clock tree, track
dependencies, maintain usage counts, disable clocks when unused by devices, propagate
changes to the dependents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com