Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 227 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 227 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 223Page - STMicroelectronics UM0851 Datasheet HTML 224Page - STMicroelectronics UM0851 Datasheet HTML 225Page - STMicroelectronics UM0851 Datasheet HTML 226Page - STMicroelectronics UM0851 Datasheet HTML 227Page - STMicroelectronics UM0851 Datasheet HTML 228Page - STMicroelectronics UM0851 Datasheet HTML 229Page - STMicroelectronics UM0851 Datasheet HTML 230Page - STMicroelectronics UM0851 Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 245 page
background image
UM0851
Power management section
Doc ID 16604 Rev 2
227/245
The call back functions defined in the structure above are:
●
spear_round_to_table_rate():
This function looks for the rate equal to or less than the target requested rate and
returns the rate to the middle management layer.
●
spear_select_table_rate():
This function configures the rate based on the target requested rate. The clock rate is
strictly monitored to be in the range of frequencies that have been defined in the arch
code i.e. 166 MHz, 266 MHz, 333 MHz.
After the checks, the PLL-1 is reconfigured for the desired frequency value. The new
frequency is then iterated through the clock dependency tree, and all the drivers get to
know the information either by voluntarily calling the clk_get_rate() functions in the
clock framework before making any transactions or plugging into the notifier lists of the
CPUfreq framework. The concept of notifier list has been covered later in Section 10.3:
Power management API
.
10.3
Power management API
This section describes the PM interfaces.
10.3.1
PM framework API
Figure 67.
Linux PM framework
Valid
Prepare
Enter
Finish
Linux PM framework (kernel/power/pm.c)
Architecture code provides states (arch/arm/mach-spearxxx/pm.c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com