Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 225 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 221Page - STMicroelectronics UM0851 Datasheet HTML 222Page - STMicroelectronics UM0851 Datasheet HTML 223Page - STMicroelectronics UM0851 Datasheet HTML 224Page - STMicroelectronics UM0851 Datasheet HTML 225Page - STMicroelectronics UM0851 Datasheet HTML 226Page - STMicroelectronics UM0851 Datasheet HTML 227Page - STMicroelectronics UM0851 Datasheet HTML 228Page - STMicroelectronics UM0851 Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 245 page
background image
UM0851
Power management section
Doc ID 16604 Rev 2
225/245
10.2.3
CPU frequency framework
Clock scaling allows you to change the clock speed of the CPUs on the fly. Cpufreq provides
a modularized set of interfaces to manage the CPU frequency changes.
Figure 66.
CPU freq kernel architectural blocks
●
CPUfreq core
The CPUfreq core offers a standardized interface for the CPUfreq architecture drivers.
CPUfreq notifiers conform to the standard kernel notifier interface. The device drivers
have to register themselves into these notifier lists to be informed of the events.
●
CPUfreq driver:
The architecture driver for the CPUfreq changes the registers into the CPUfreq
framework, and does the actual work of frequency transition. The details about this are
covered in the next section Architecture driver.
●
CPUfreq Governors:
The CPUfreq infrastructure allows for frequency-changing policy governors, which can
change the CPU frequency based on different criteria, such as CPU usage. Here is a
list of the governors which you can select.
–
Performance governor:
keeps the CPU at the highest possible frequency within
a user-specified range.
–
Powersave governor:
keeps the CPU at the lowest possible frequency within a
user-specified range.
–
Userspace governor:
exports the available frequency information to the user
level (through the sysfs) and permits user-space control of the CPU frequency. All
user-space dynamic CPU frequency governors use this governor as their proxy.
Clock framework low level
clock management
SPEAr Arch driver
(/arch/arm/plat-spear/cpu_spear.c)
CPU FREQ module (with /proc and /sys interfaces)
Performance
User space
Power save
OnDemand
Power saved
CPU speed
Governor
SPEAr architecture
User space
Governor
Kernel space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com