Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 222 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 218Page - STMicroelectronics UM0851 Datasheet HTML 219Page - STMicroelectronics UM0851 Datasheet HTML 220Page - STMicroelectronics UM0851 Datasheet HTML 221Page - STMicroelectronics UM0851 Datasheet HTML 222Page - STMicroelectronics UM0851 Datasheet HTML 223Page - STMicroelectronics UM0851 Datasheet HTML 224Page - STMicroelectronics UM0851 Datasheet HTML 225Page - STMicroelectronics UM0851 Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 245 page
background image
Power management section
UM0851
222/245
Doc ID 16604 Rev 2
modules driven by the CLK_PLL1 signal, DCS can completely switch OFF the clock of
an unused module and quickly switch it ON again when it is required.
With this technique the processor, or system, can run at maximum frequency and
achieve its maximum performance.
For complete flexibility DCS is fully software controllable via the PERIP1_CLK_ENB
register in the Miscellaneous register address space. DCS is useful when a real-time
application is waiting for an event. The system can switch OFF the clock to modules
that are not used and enable them, with a low latency, when needed.
Modules that support this feature are shown in the tables below.
●
Combining frequency scaling and clock switching techniques (DFS+DCS)
In NORMAL state, the best active power saving results are obtained by combining both
the previously described power-management techniques .
These techniques can be used to reduce the power consumption of the devices while still
allowing fast response to critical tasks, that can be always be performed at maximum
frequency, if needed.
10.2
Software overview
The section describes the various Power Management systems already present in the Linux
kernel that used in SPEAr applications to manage power in an efficient way.
Table 61.
SPEAr600 modules with DCS feature
Module
USB 2.0 host 1
GPIO 3
GPIO 4
I2C
USB 2.0 host 2(For
Spear600)
UART-1
UART-2
TIMER-1
TIMER-2
TIMER-3
TIMER-4
TIMER-5
CLCD CTRL
IRDA
ARM-1 SUBSYSTEM
ARM-2 SUBSYTEM
USB2.0 Device
Flash Serial(SMI)
Flash NAND(FSMC)
PLL-1
Internal ROM
JPEG Codec
PLL-2
PLL-3
DMA
ADC
SPI-1
SPI-2
RTC
SPI-3
ARM-1
Ethernet
Table 62.
SPEAr300 modules with DCS feature
Module
USB 2.0 host 1
GPIO
DMA
I2C
Ethernet MAC
UART-1
ARM-1 SUBSYSTEM
TIMER-1
TIMER-2
TIMER-3
Flash NAND(FSMC)
PLL-1
CLCD CTRL
IRDA
PLL-2
PLL-3
USB2.0 Device
Flash Serial(SMI)
SPI-1
ADC
Internal ROM
JPEG Codec
ARM-1
RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com