Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 237 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 237 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 233Page - STMicroelectronics UM0851 Datasheet HTML 234Page - STMicroelectronics UM0851 Datasheet HTML 235Page - STMicroelectronics UM0851 Datasheet HTML 236Page - STMicroelectronics UM0851 Datasheet HTML 237Page - STMicroelectronics UM0851 Datasheet HTML 238Page - STMicroelectronics UM0851 Datasheet HTML 239Page - STMicroelectronics UM0851 Datasheet HTML 240Page - STMicroelectronics UM0851 Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 245 page
background image
UM0851
Power management section
Doc ID 16604 Rev 2
237/245
that if the CPU usage needs to be below 20% between samples to have the frequency
decreased. For example to set the down threshold to 30% you would do the following.
echo 30 > /sys/devices/system/cpu/cpu0/cpufreq/conservative/down_threshold
●
sampling_rate - same as ondemand
●
sampling_rate_(min|max) - same as ondemand
●
up_threshold - same as ondemand
●
ignore_nice_load - same as ondemand
Performance governor
The CPU runs at maximum frequency regardless of the load.
echo performance > /sys/devices/system/cpu/cpu0/cpufreq/scaling_governor
Powersave governor
The CPU runs at a minimum frequency regardless of the load.
echo powersave > /sys/devices/system/cpu/cpu0/cpufreq/scaling_governor
CPUfreq stats about your CPU
The CPUfreq module lists stats about your CPU. These will help you find out things like the
current frequency of your processor or what available frequencies your CPU can scale to.
●
cpuinfo_cur_freq - Show the current frequency of your CPU(s). You can also find this
out by doing a "cat /proc/cpuinfo".
cat /sys/devices/system/cpu/cpu0/cpufreq/cpuinfo_cur_freq
●
cpuinfo_max_freq - Show the maximum frequency your CPU(s) can scale to
cat /sys/devices/system/cpu/cpu0/cpufreq/cpuinfo_max_freq
●
cpuinfo_min_freq - Show the minimum frequency your CPU(s) can scale to.
cat /sys/devices/system/cpu/cpu0/cpufreq/cpuinfo_min_freq
●
scaling_cur_freq - Show the available frequency your CPU(s) are currently scaled to.
cat /sys/devices/system/cpu/cpu0/cpufreq/scaling_cur_freq
●
scaling_driver - Show the cpufreq driver the CPU(s) are using.
cat /sys/devices/system/cpu/cpu0/cpufreq/scaling_driver
●
scaling_max_freq - Set the maximum frequency your CPU(s) are allowed to scale to.
Look at the output from scaling_available_frequencies above. Then you can pick one of
those numbers (frequencies) to set to be the maximum frequency the CPU(s) are
allowed to scale to.
In SPEAr the range of scaling_available_frequencies is { 166 MHz, 266 MHz, 333 MHz}
so you might set this to 166000. So when the CPU frequency scales, it only goes to a
max of 166000 and not 333000. An example on how to set this would be the following
echo 166000 > /sys/devices/system/cpu/cpu0/cpufreq/scaling_max_freq
●
scaling_min_freq - Same as scaling_max_freq but setting a lower frequency limit that
the CPU(s) are not allowed to go below. For example:
echo 266000 > /sys/devices/system/cpu/cpu0/cpufreq/scaling_min_freq
This does not allow the CPU to go below the frequency of 266 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com