Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 239 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 239 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 235Page - STMicroelectronics UM0851 Datasheet HTML 236Page - STMicroelectronics UM0851 Datasheet HTML 237Page - STMicroelectronics UM0851 Datasheet HTML 238Page - STMicroelectronics UM0851 Datasheet HTML 239Page - STMicroelectronics UM0851 Datasheet HTML 240Page - STMicroelectronics UM0851 Datasheet HTML 241Page - STMicroelectronics UM0851 Datasheet HTML 242Page - STMicroelectronics UM0851 Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 245 page
background image
UM0851
Power management section
Doc ID 16604 Rev 2
239/245
Figure 69.
SPEAr600 current consumption chart
SPEAr300
For SPEAr300, the following jumpers were replaced one at a time to measure the
current source
JP-1 (for 1.2 V)
JP-2 (for 3.3 V)
JP-3 (for 2.5 V)
JP-4 (for 1.8 V)
The current measurements indicate significant power savings. The table and figures below
present the results for SPEAr300.
Table 65.
SPEAr300 power consumption measurements
Jumper settings
Current in resumed
state (mA)
Current in suspended
state (mA)
%Decrease in current
consumption
JP1 - 1.2 V
198.5
43
78.33
JP2 - 3.3 V
7.2
7.0
2.77%
JP3 - 2.5 V
25.8
25.8
0%
JP4 - 1.8 V
43
36
16.27%
350
300
250
200
150
100
50
4
3
2
1
0
Jumper number
Current consumption in resume state
Current consumption in suspend state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com