Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 238 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 238 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 234Page - STMicroelectronics UM0851 Datasheet HTML 235Page - STMicroelectronics UM0851 Datasheet HTML 236Page - STMicroelectronics UM0851 Datasheet HTML 237Page - STMicroelectronics UM0851 Datasheet HTML 238Page - STMicroelectronics UM0851 Datasheet HTML 239Page - STMicroelectronics UM0851 Datasheet HTML 240Page - STMicroelectronics UM0851 Datasheet HTML 241Page - STMicroelectronics UM0851 Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 245 page
background image
Power management section
UM0851
238/245
Doc ID 16604 Rev 2
10.4.4
Performance
●
Power management framework
Below are some of the current consumption results that have been obtained for the
SPEAr600 and SPEAr300 boards.
The details of the test setup are as follows:
–
OS: Linux-2.6.27 running on SPEAr boards
–
Wake-up Source: Ethernet Magic Packets
–
Test setup: The target board was connected to a Host Linux PC, which sends in
the wake-up packets when the system goes into sleep. The target was booted up
using NFS. The current was measured on all the power supplies available on the
SPEAr boards, a first measurement before moving into suspended state and a
second measurement after resuming from suspended state.
SPEAr600
For the SPEAr600, the following jumpers were replaced one at a time to measure the
current source.
JP-1 (for 1.0 V)
JP-2 (for 1.8 V)
JP-3 (for 2.5 V)
JP-4 (for 3.3 V)
The current measurements indicate significant power savings. The table and figures below
present the results for SPEAr300.
Table 64.
SPEAr600 power consumption measurements
Jumper settings
Current in resumed
state (mA)
Current in suspended
state (mA)
Decrease in current
consumption
JP1 - 1.0 V
288.8
145
49.79%
JP2 - 1.8 V
96.2
67.8
29.59%
JP3 - 2.5 V
10.5
10.5
0%
JP4 - 3.3 V
16.3
16.3
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com