Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 2Page - STMicroelectronics AN4617 Datasheet HTML 3Page - STMicroelectronics AN4617 Datasheet HTML 4Page - STMicroelectronics AN4617 Datasheet HTML 5Page - STMicroelectronics AN4617 Datasheet HTML 6Page - STMicroelectronics AN4617 Datasheet HTML 7Page - STMicroelectronics AN4617 Datasheet HTML 8Page - STMicroelectronics AN4617 Datasheet HTML 9Page - STMicroelectronics AN4617 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Peripheral migration
AN4617
6/26
DocID027161 Rev 1
2
Peripheral migration
As shown in Table 4, there are three categories of peripherals. The common peripherals are
supported with the dedicated firmware library without any modification, except if the
peripheral instance is no longer present. You can change the instance and, of course, all the
related features (clock configuration, pin configuration, interrupt/DMA request).
The modified peripherals (such as ADC, RCC and RTC) are partially different from those of
the F0 series, and dedicated drivers are updated to take advantage of the enhancements
and the new features in the L0 series.
Most of the modified peripherals in the L0 series are enhanced to have smaller silicon print
with features designed to offer advanced high-end capabilities in economical end products,
and to fix some limitations present in the F0 series.
2.1
STM32 product cross-compatibility
STM32 microcontrollers embed a set of peripherals which can be classified in three
categories:
1.
The first category is for the peripherals that are, by definition, common to all products.
Those peripherals are identical, so they have the same structure, registers and control
bits. There is no need to perform any firmware change to keep the same functionality,
at the application level, after migration. All the features and behavior remain the same.
2.
The second category is that of peripherals shared by all products, but have minor
differences (in general to support new features). The migration from one product to
another is very easy and does not need any significant new development effort.
3.
The third category is for peripherals considerably different from one product to another
(new architecture, new features...). For this category of peripherals, the migration will
require a dedicated development at the application level.
Table 4 gives a general overview of this classification for the two STM32 series under
consideration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com