Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 7Page - STMicroelectronics AN4617 Datasheet HTML 8Page - STMicroelectronics AN4617 Datasheet HTML 9Page - STMicroelectronics AN4617 Datasheet HTML 10Page - STMicroelectronics AN4617 Datasheet HTML 11Page - STMicroelectronics AN4617 Datasheet HTML 12Page - STMicroelectronics AN4617 Datasheet HTML 13Page - STMicroelectronics AN4617 Datasheet HTML 14Page - STMicroelectronics AN4617 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DocID027161 Rev 1
11/26
AN4617
Peripheral migration
25
Note:
NA = Not applicable - Feature not available
Note:
F0 devices have only one APB bus, APB1 and APB2 used in L0 devices indicate on which
APB register the clock configuration bits of those peripherals are defined.
Note:
Recent products can feature additional peripherals (such as expanded GPIO ports, GP
timers and other digital or analog ones). User has to refer to the latest available
documentation.
LPTIM1
APB
NA
APB1
0x40007C00
CEC
0x40007800
NA
I2C3
NA
0x40007800
DAC / DAC1
0x40007400
0x40007400
PWR
0x40007000
0x40007000
CRS
0x40006C00
0x40006C00
CAN
0x40006400
NA
USB/CAN SRAM
0x40006000
0x40006000
USB / USB FS
0x40005C00
0x40005C00
I2C2
0x40005800
0x40005800
I2C1
0x40005400
0x40005400
USART5
0x40005000
0x40005000
USART4
0x40004C00
0x40004C00
USART3 / LPUART1
0x40004800
0x40004800
USART2
0x40004400
0x40004400
SPI2
0x40003800
0x40003800
IWDG
0x40003000
0x40003000
WWDG
0x40002C00
0x40002C00
RTC + BKP_REG
0x40002800
0x40002800
LCD
NA
0x40002400
TIM14
0x40002000
NA
TIM7
0x40001400
0x40000C00
TIM6
0x40001000
0x40001000
TIM3
0x40000400
0x40000400
TIM2
0x40000000
0x40000000
Table 5. IP bus mapping cross reference (continued)
Peripheral
STM32F0 series
STM32L0 series
Bus
Base address
Bus
Base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com