Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 4Page - STMicroelectronics AN4617 Datasheet HTML 5Page - STMicroelectronics AN4617 Datasheet HTML 6Page - STMicroelectronics AN4617 Datasheet HTML 7Page - STMicroelectronics AN4617 Datasheet HTML 8Page - STMicroelectronics AN4617 Datasheet HTML 9Page - STMicroelectronics AN4617 Datasheet HTML 10Page - STMicroelectronics AN4617 Datasheet HTML 11Page - STMicroelectronics AN4617 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Peripheral migration
AN4617
8/26
DocID027161 Rev 1
Note:
Yes++ = New feature or new architecture
Yes+ = Same feature, but specification change or design enhancement
Yes = Feature available
No = Feature not available
NA= Not applicable
2.2
System architecture
The STM32F0 MCU family has been designed to target an entry-level market, with low-
power capabilities and easy handling. To achieve this target and at the same time offer
advanced high-end features, it uses a 32-bit Cortex®-M0 core. Its small silicon area,
coupled with minimal code footprint, results in low-cost applications with 32 bits
performance.
STM32L0 MCU family development goes in the similar way, one step further concerning
optimization of power consumption. Design is based on advanced Cortex®-M0+ core while
targeting application operating on battery or supplied by energy harvesting. Autonomous
peripherals capable to operate at low power mode reduce the core load and power
consumption.
The basic difference between Cortex®-M0 and Cortex®-M0+ cores is three stages pipe line
in M0, two stages for M0+, both with maximum prefetch capacity up to two 16-bit
instructions. In addition, M0+ core features dedicated single cycle I/O port and memory
protection unit used by some L0 devices. A detailed comparison between these two cores
can be found on the ARM® website, while the enhancements of the Cortex M0+ embedded
in STM32L0 are described in Cortex®-M0+ Programming manual (PM0223).
USB FS Device
Yes
Yes
SRAM partially shared with CAN
Identical
Full
Touch Sensing
Yes
Yes+
Dedicated IO pins
Identical for the same feature
Full
GPIO
Yes
Yes+
GPIO mapping and
configuration locking
Identical for the same feature
Full
CAN
Yes
No
NA
NA
NA
HDMI-CEC
Yes
No
NA
NA
NA
LCD
No
Yes
NA
NA
NA
AES
No
Yes
NA
NA
NA
RNG
No
Yes
NA
NA
NA
IRTIM
Yes
No
NA
NA
NA
Data EEPROM
No
Yes
NA
NA
NA
Table 4. STM32 peripheral compatibility analysis F0 versus L0 series (continued)
Peripheral
F0
series
L0
series
Compatibility
Possible differences
from user point of view
Pinout
FW driver
compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com