Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 14Page - STMicroelectronics AN4617 Datasheet HTML 15Page - STMicroelectronics AN4617 Datasheet HTML 16Page - STMicroelectronics AN4617 Datasheet HTML 17Page - STMicroelectronics AN4617 Datasheet HTML 18Page - STMicroelectronics AN4617 Datasheet HTML 19Page - STMicroelectronics AN4617 Datasheet HTML 20Page - STMicroelectronics AN4617 Datasheet HTML 21Page - STMicroelectronics AN4617 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Peripheral migration
AN4617
18/26
DocID027161 Rev 1
2.12
ADC interface
Table 13 presents the differences between the ADC interface of STM32F0 and STM32L0
series; these differences are the following:
•
power supply range
•
faster conversion
•
new features.
2.13
DAC interface
The STM32L0 series embeds an enhanced DAC versus some members of the F0 series.
The basic differences are summarized in Table 14.
2.14
COMP interface
Both the STM32F0 and STM32L0 series embed an enhanced ultra low power comparator.
Table 13. ADC differences between STM32F0 and STM32L0 series
ADC
STM32F0 series
STM32L0 series
Maximum sampling frequency
1 MSPS @ HSI14
(1000 ns @ 12-bit resolution)
1,14 MSPS @ HSI16
(875 ns @ 12-bit resolution)
Supply range
2.4 to 3.6 V
1.8 to 3.6 V
(for some product even from 1.65 V)
Internal monitoring
TRGx, VSENSE (IN16),
VREFINT (IN17),
VBAT (IN18)
TRGx, VSENSE (IN18),
VREFINT (IN17),
LCD_VLCD1 (IN16)
External triggers
TIM1, TIM2, TIM3 and TIM15
TIM2, TIM3, TIM6, TIM21, TIM22
or EXTI11
Oversampling
Not available
Ratio from 2 to 256x
Voltage regulator
Not available
Yes
Asynchronous clock prescaler
Not available
16 levels from 1 to 256
Low frequency mode
Not available
Yes
EOCAL interrupt
Not available
Yes
Table 14. DAC differences between STM32F0 and STM32L0 series
DAC feature
STM32F0 series
STM32L0 series
Number of channels
1x (2x F07x and F09x only)
1x (2x L07 only)
Noise & triangular wave generation
F07x and F09x only
Yes
HW trigger
TIM2, TIM3, TIM6, TIM7, TIM15
and EXTI
TIM2, TIM3, TIM6, TIM7,
TIM21 and EXTI
Supply range
2.4 to 3.6 V
1.8 to 3.6 V
Simultaneous conversion
Dual mode (F07x and F09x only)
L07 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com