Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4617 Datasheet HTML 1Page - STMicroelectronics AN4617 Datasheet HTML 2Page - STMicroelectronics AN4617 Datasheet HTML 3Page - STMicroelectronics AN4617 Datasheet HTML 4Page - STMicroelectronics AN4617 Datasheet HTML 5Page - STMicroelectronics AN4617 Datasheet HTML 6Page - STMicroelectronics AN4617 Datasheet HTML 7Page - STMicroelectronics AN4617 Datasheet HTML 8Page - STMicroelectronics AN4617 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID027161 Rev 1
5/26
AN4617
Hardware migration
25
1.1
Boot mode compatibility
There is no difference in boot mode configuration possibilities between F0 and L0 series but
the selection of boot mode may be slightly different.
Both series get the nBOOT1 value from an option bit located in the User option bytes. Some
more recent L0 and F0 products can do the same with the BOOT0 value optionally, too,
while BOOT0 pin can be used as GPIO in dependency on setting BOOT_SEL option bit.
Table 3 summarizes the different configurations available for selecting the Boot mode.
Embedded bootloader for both STM32F0 and STM32L0 devices uses UART and USB.
Some devices feature I2C as well, while SPI can be an additional option in the L0 series.
Table 3. Boot modes
F0/L0 boot mode configuration
Boot mode
(memory aliased in boot memory)
nBOOT1
bit
BOOT0
external pin
nBOOT0
bit(1)
1. The BOOT_SEL and nBOOT0 option bits are not present in all L0 and F0 products.
BOOT_SEL
bit(1)
x
0
x
1
Main Flash memory
1
1
x
1
System memory
0
1
x
1
Embedded SRAM
x
x
1
0
Main Flash memory
1
x
0
0
System memory
0
x
0
0
Embedded SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com