| Electronic Components Datasheet Search |
|
AN4617 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4617 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 26 page ![]() DocID027161 Rev 1 17/26 AN4617 Peripheral migration 25 2.10 Embedded SRAM Basic difference between volatile memories is parity check supported by STM32F0 family while L0 features by firewall protection. The latest STM32F0 products feature memory of up to 32 KBytes with HW parity while STM32L0 ones go up to 20 KBytes. 2.11 System of timers Both STM32F0 and STM32L0 feature a set of general purpose timers with some small differences, summarized in Table 12. In addition STM32F0 embeds an advanced control timer. On the other side STM32L0 features a single 16-bit low power timer. – complementary outputs – programmable dead-time – break input – complementary PWM – dead-time insertion, break input – PWM edge aligned only – PWM edge & center aligned – ext. trigger – encoder interface Read Protection Unprotection Level 0 no protection RDP = 0xAA Level 0 no protection RDP = 0xAA Protection Level 1 memory protection RDP != (Level 2 & Level 0) Level 2: Lvl 1 + Debug disabled, RDP = 0xCC Level 1 memory protection RDP != (Level 2 & Level 0) Level 2: Lvl 1 + Debug disabled, RDP = 0xCC Proprietary Code Read-Out Protection Not available Sector granularity (4KB) Write protection Protection by 4-Kbyte block Protection by 4-Kbyte block Table 11. Flash interface differences between STM32F0 and STM32L0 series (continued) Feature STM32F0 series STM32L0 series Table 12. Timers’ system differences between STM32F0 and STM32L0 series Timer feature STM32F0 series STM32L0 series Number of timers 1x 16-bit advanced control up to 5x 16-bit general purpose 2x 16-bit basic 4x 16-bit general purpose 2x 16-bit basic 1x 16-bit low power Advanced control TIM1 Not available General purpose TIM15 / TIM16 / TIM17 TIM21 / TIM22 Synchronization TIM15 only TIM21 / TIM22 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |