Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 8Page - STMicroelectronics AN4617 Datasheet HTML 9Page - STMicroelectronics AN4617 Datasheet HTML 10Page - STMicroelectronics AN4617 Datasheet HTML 11Page - STMicroelectronics AN4617 Datasheet HTML 12Page - STMicroelectronics AN4617 Datasheet HTML 13Page - STMicroelectronics AN4617 Datasheet HTML 14Page - STMicroelectronics AN4617 Datasheet HTML 15Page - STMicroelectronics AN4617 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Peripheral migration
AN4617
12/26
DocID027161 Rev 1
2.4
Reset and clock controller (RCC) interface
The main differences related to the RCC (Reset and clock controller) between the STM32F0
and the STM32L0 series are presented in Table 6.
Note:
NA = Not applicable - Feature not available
When migrating between STM32F0 and STM32L0 series user should respect the possible
system frequency limitations and check and update the setting if necessary:
a)
System clock frequency while respecting limits related to applied voltage range
b)
Flash parameters with respect to applied system frequency and voltage range
c)
PLL configuration in case PLL is used as the system clock source (L0 has no
implemented pre-divider on HSE, and programmable one on HSI PLL source input
paths).
Both F0 and L0 series running at maximum performance (system clock at 48 MHz / 32 MHz)
require Flash configured with 1 wait state.
Table 6. RCC differences between STM32F0 and STM32L0 series
RCC
STM32F0 series
STM32L0 series
MSI
NA
Multispeed internal RC clock
(default system clock at startup)
HSI14
High speed internal oscillator dedicated to ADC NA
HSI
8 MHz RC factory-trimmed
16 MHz RC factory-trimmed
HSI48
48 MHz RC clock (USB, PLL)
48 MHz RC clock (USB, RNG)
LSI
40 kHz RC
38 kHz RC
HSE
1 - 32 MHz
0 - 32 MHz
1 - 32 MHz with PLL or CSS
LSE
32.768 kHz
(RTC)
32.768 kHz
(RTC, LPTIMER, LCD, UARTs)
PLL
Main PLL
Main PLL
System clock
source
HSI, HSE or PLL (opt. HSI48)
HSI, MSI, HSE or PLL
System clock
frequency
Up to 48 MHz
Up to 32 / 16 / 4.2 MHz
(depending on power range)
APB1,2/APB
frequency
Up to 48 MHz
Up to 32 MHz
(depending on power range)
RTC clock source LSI, LSE or divided HSE
LSI, LSE or divided HSE
MCO clock source
MCO pin: (PA8)
SYSCLK, HSI, HSE, HSI14, PLLCLK/2,
LSE, LSI, (HSI48, PLL)
SYSCLK, HSI16, HSI48, MSI, HSE, PLL, LSI,
LSE
Internal oscillator
measurement /
calibration
LSE / LSI / HSI / HSI14 / HSI48 / HSE clocks
can be measured indirectly through MCO by
the timer TIM14 input capture channel 1 with
respect to HSI / HSE clock feeding the timer
LSE / LSI / MSI / HSE_RTC clocks can be
measured by the timer TIM21 input capture
channel 1 with respect to HSI / MSI / HSE
clock feeding the timer
Firewall internal
reset source
NA
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com