Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 16Page - STMicroelectronics AN4617 Datasheet HTML 17Page - STMicroelectronics AN4617 Datasheet HTML 18Page - STMicroelectronics AN4617 Datasheet HTML 19Page - STMicroelectronics AN4617 Datasheet HTML 20Page - STMicroelectronics AN4617 Datasheet HTML 21Page - STMicroelectronics AN4617 Datasheet HTML 22Page - STMicroelectronics AN4617 Datasheet HTML 23Page - STMicroelectronics AN4617 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Peripheral migration
AN4617
20/26
DocID027161 Rev 1
.
Table 16. PWR differences between STM32F0 and STM32L0 series
PWR
STM32F0x1/2 series
STM32F0x8 series
STM32L0 series
Power
supplies
–VDD = 2.0 to 3.6 V: external
power supply for I/Os and the
internal regulator. Provided
externally through VDD pins.
–VSSA, VDDA = 2.0 to 3.6 V:
external analog power
supplies for ADC, DAC,
Reset blocks, RCs and PLL.
–VBAT = 1.65 to 3.6 V: power
supply for RTC, external
clock 32 kHz oscillator and
backup registers (through
power switch) when VDD is
not present.
– VDDIO2 = 1.65 to 3.6 V
independent IO supply rail
powering USB as well
–VDD = 1.8 V +/- 8%: external
power supply for I/Os.
Provided externally through
VDD pins.
–VSSA, VDDA = 1.65 to 3.6 V:
external analog power
supplies for ADC, DAC,
Reset blocks, RCs and PLL.
–VBAT = 1.65 to 3.6 V: power
supply for RTC, external
clock 32 kHz oscillator and
backup registers (through
power switch) when VDD is
not present.
– VDDIO2 = 1.65 to 3.6 V
independent I/O supply rail
powering USB as well
–VDD = 1.8 to 3.6 V (with BOR
- else from 1.65 V): external
power supply for I/Os and the
internal regulator. Provided
externally through VDD pins.
–VSSA, VDDA = 1.8 to 3.6 V
(with BOR - else from
1.65 V): external analog
power supplies for ADC,
DAC, reset blocks, RC
oscillators and PLL.
– External VREF+ available on
TFBGA64 and 100 pin
packages only (otherwise
bonded to VDDA)
– VLCD 2.5 - 3.6 V external
power supply (else internal
embedded step-up converter)
– VDD_USB 3.0 - 3.6 V
Voltage
regulator
Feeds 1.8 V domain:
– Run mode: Core, memories,
digital parts
– Stop mode: Preserving
internal RAM & registers
content
– Standby mode: switched off
Not available
(regulator bypassed)
The regulator output voltage
(VCORE) can be programmed
by software to three different
ranges within 1.2 - 1.8 V
(dynamic voltage scaling)
– Run mode: Core, memories,
digital parts
– LPR mode: VCORE domain,
preserving the contents of the
registers and internal
SRAM
– Stop mode: Preserving
internal RAM & registers
content
– Standby mode: switched off
Battery
backup
domain
– Backup registers
–RTC
–LSE
– RCC Backup Domain Control
Register
– Backup registers
–RTC
–LSE
– RCC Backup Domain Control
Register
Not available - RTC contains 5
backup data registers (20
bytes)
Power supply
supervisor
Integrated POR / PDR circuitry
Programmable voltage detector
(PVD) of VDD
Controlled externally through
the dedicated NPOR pin.
Integrated POR/ PDR - BOR
circuitry
Programmable voltage detector
(PVD) of VDD & VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com