Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 5Page - STMicroelectronics AN4617 Datasheet HTML 6Page - STMicroelectronics AN4617 Datasheet HTML 7Page - STMicroelectronics AN4617 Datasheet HTML 8Page - STMicroelectronics AN4617 Datasheet HTML 9Page - STMicroelectronics AN4617 Datasheet HTML 10Page - STMicroelectronics AN4617 Datasheet HTML 11Page - STMicroelectronics AN4617 Datasheet HTML 12Page - STMicroelectronics AN4617 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID027161 Rev 1
9/26
AN4617
Peripheral migration
25
2.3
Memory mapping
The peripheral address mapping has been changed in the F0 series compared to the L0
series. The main change concerns the GPIOs, they are on AHB bus in the F0 series and on
Cortex®-M0+ specific IOPORT in the L0 series.
Table 5 provides the peripheral address mapping correspondence between F0 and L0
series (differences between the two series are highlighted with bold type).
Table 5. IP bus mapping cross reference
Peripheral
STM32F0 series
STM32L0 series
Bus
Base address
Bus
Base address
AES
AHB1
NA
AHB
0x40026000
RNG
NA
0x40025000
TSC
0x40024000
0x40024000
CRC
0x40023000
0x40023000
FLITF
0x40022000
0x40022000
RCC
0x40021000
0x40021000
DMA / DMA1
0x40020000
0x40020000
DMA2
0x40020400
NA
GPIOH
AHB2
NA
IOPORT
0x50001C00
GPIOF
0x48001400
NA
GPIOE
0x48001000
0x50001000
GPIOD
0x48000C00
0x50000C00
GPIOC
0x48000800
0x50000800
GPIOB
0x48000400
0x50000400
GPIOA
0x48000000
0x50000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com