Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4617 Datasheet HTML 1Page - STMicroelectronics AN4617 Datasheet HTML 2Page - STMicroelectronics AN4617 Datasheet HTML 3Page - STMicroelectronics AN4617 Datasheet HTML 4Page - STMicroelectronics AN4617 Datasheet HTML 5Page - STMicroelectronics AN4617 Datasheet HTML 6Page - STMicroelectronics AN4617 Datasheet HTML 7Page - STMicroelectronics AN4617 Datasheet HTML 8Page - STMicroelectronics AN4617 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Hardware migration
AN4617
4/26
DocID027161 Rev 1
1
Hardware migration
Basically the STM32F0 and STM32L0 series are pin-to-pin compatible and directly
replaceable.
All peripherals share most of the pins, but there are some minor differences between
packages. When performing the migration, user can gain or lose some GPIOs, and some
power supply pins can become incompatible, so a careful check of pinouts has to be carried
out.
Differences can appear at handling BOOT0 pin, as this pin can be provided optionally
according to internal option bits. Standard OSC pin can be replaced by OSC32 for some
small packages. Some products feature the NPOR pin, too.
The possible impacted pins are summarized in Table 2.
PF0-OSC_IN
PC14-OSC32_IN
3
-
-
-
PF1-OSC_OUT
PC15-OSC32_OUT
-
5
5
-
PF0-OSC_IN
PH0-OSC_IN
6
6
PF1-OSC_OUT
PH1-OSC_OUT
PF9
PH9
-
-
-
11
PF10
PH10
17
-
-
-
VDDIO2
VDD
-
-
-
18
PF2
VSSA
-
-
-
19
VSSA
VREF-
-
-
18
-
PF4/VSS
VSS
-
-
19
-
PF5/VDD
VDD
-
-
-
20
VDDA
VREF+
-
-
-
21
PF3
VDDA
-
20
28
-
PB2/NPOR
PB2
-
35
47
-
PF6/VSS
VSS
-
-
-
73
PF6
VDD
-
36
48
75
PF7 / VDDIO2(1)
VDD / VDD_USB(1)
31
44
60
-
BOOT0/PF11-BOOT0/PB8
BOOT0
Table 2. STM32F0 series and STM32L0 series pinout differences
Package LQFP
STM32F0 series
STM32L0 series
32 pin
48 pin
64 pin
100 pin
-
1
1
6
VBAT/VDD
VDD/VLCD
2
---
--
-
10
1. When power supply is applied at its pin, it powers USB, PA8-15, PC6-12 and PD2 for the F0 family, USB,
and USB associated pins PA11 and PA12 for the L0 family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com