Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4617 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 15Page - STMicroelectronics AN4617 Datasheet HTML 16Page - STMicroelectronics AN4617 Datasheet HTML 17Page - STMicroelectronics AN4617 Datasheet HTML 18Page - STMicroelectronics AN4617 Datasheet HTML 19Page - STMicroelectronics AN4617 Datasheet HTML 20Page - STMicroelectronics AN4617 Datasheet HTML 21Page - STMicroelectronics AN4617 Datasheet HTML 22Page - STMicroelectronics AN4617 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID027161 Rev 1
19/26
AN4617
Peripheral migration
25
User has to consider differences at input and output mapping. Additional differences are
summarized in Table 15.
2.15
PWR interface
The PWR controller of STM32F0 series has several differences vs. L0 series, summarized
in the Table 16. Note that the STM32F0x8 subfamily doesn’t feature voltage regulator to
supply internal 1.8 V to the digital power domain, a stable voltage has to be delivered by the
application.
Table 15. COMP differences between STM32F0 and STM32L0 series
COMP feature
STM32F0 series
STM32L0 series
Number
Up to 2x rail to rail
1x rail to rail + 1x ultra-low power
Outputs
PWM emergency shut down (BKIN)
Cycle by cycle current control loop
(OCREF_CLR events)
Input capture of timers
Input capture & ETR of timers
Programmable
hysteresis
Yes
No
Programmable speed /
power mode
4 levels
2 levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com