Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 2Page - STMicroelectronics AN4661 Datasheet HTML 3Page - STMicroelectronics AN4661 Datasheet HTML 4Page - STMicroelectronics AN4661 Datasheet HTML 5Page - STMicroelectronics AN4661 Datasheet HTML 6Page - STMicroelectronics AN4661 Datasheet HTML 7Page - STMicroelectronics AN4661 Datasheet HTML 8Page - STMicroelectronics AN4661 Datasheet HTML 9Page - STMicroelectronics AN4661 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Power supplies
AN4661
6/33
DocID027559 Rev 1
1
Power supplies
1.1
Introduction
The device requires a 1.8 to 3.6 V operating voltage supply (VDD), which can be reduced
down to 1.7 V with PDR OFF, as detailed in the product datasheets. The embedded linear
voltage regulator is used to supply the internal 1.2 V digital power.
The real-time clock (RTC), the RTC backup registers, and the backup SRAM (BKP SRAM)
can be powered from the VBAT voltage when the main VDD supply is powered off.
1.1.1
Independent A/D converter supply and reference voltage
To improve the conversion accuracy, the ADC has an independent power supply which can
be separately filtered and shielded from noise on the PCB.
•
The ADC voltage supply input is available on a separate VDDA pin.
•
An isolated supply ground connection is provided on pin VSSA.
To ensure a better accuracy of low voltage inputs, the user can connect a separate external
reference voltage ADC input on VREF. The voltage on VREF ranges from 1.8 V to VDDA.
1.1.2
Independent USB transceivers supply
The USB transceivers are supplied from a separated VDDUSB power supply pin. The
VDDUSB range is from 3.0 V to 3.6 V and is completely independent from VDD or VDDA. It
can be connected either to VDD or an external independent power supply (3.0 to 3.6V) for
USB transceivers. For example, when device is powered at 1.8V, an independent power
supply 3.3V can be connected to VDDUSB.
When the VDDUSB is connected to a separated power supply, it is independent from VDD
or VDDA but it must be the last supply to be provided and the first to disappear.
Note:
The VDDUSB supply both USB transceiver (USS OTG HS and USB OTG FS). If only one
USB transceiver is used in the application, the GPIOs associated to the other USB
transceiver are still supplied at by VDDUSB.
1.1.3
Battery backup domain
Backup domain description
To retain the content of the RTC backup registers, backup SRAM, and supply the RTC when
VDD is turned off, VBAT pin can be connected to an optional standby voltage supplied by a
battery or by another source.
To allow the RTC to operate even when the main digital supply (VDD) is turned off, the
VBAT pin powers the following blocks:
•
The RTC.
•
The LSE oscillator.
•
The backup SRAM when the low-power backup regulator is enabled.
•
PC13 to PC15 I/Os, plus PI8 I/O (when available).
The switch to the VBAT supply is controlled by the power-down reset embedded in the reset
block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com