Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 23Page - STMicroelectronics AN4661 Datasheet HTML 24Page - STMicroelectronics AN4661 Datasheet HTML 25Page - STMicroelectronics AN4661 Datasheet HTML 26Page - STMicroelectronics AN4661 Datasheet HTML 27Page - STMicroelectronics AN4661 Datasheet HTML 28Page - STMicroelectronics AN4661 Datasheet HTML 29Page - STMicroelectronics AN4661 Datasheet HTML 30Page - STMicroelectronics AN4661 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DocID027559 Rev 1
27/33
AN4661
Reference design
32
7.2
Component references
Table 7. Mandatory components
Id
Component name
Reference
Quantity
Comments
1
Microcontroller
STM32F756NGH6
1
TFBGA216 package
2
Capacitor
100 nF
19
Ceramic capacitors
(decoupling capacitors)
3
Capacitor
4.7 µF
1
Ceramic capacitor
(decoupling capacitor)
Table 8. Optional components
Id
Components
name
Reference
Quantity
Comments
1
Resistor
10 kΩ
6
Pull-up and pull-down for JTAG, BOOT0 pin, PDR
and bypass regulator
2
Resistor
0 Ω
2
– Used as star connection point between VDDA and
VREF+
– Used as star connection point between VDD_MCU
and VDDUSB
3
Capacitor
100 nF
5
Ceramic capacitor.
4
Capacitor
1.5 pF
2
Used for LSE: the value depends on the crystal
characteristics.
5
Capacitor
1 μF
3
Used for VDDA and VREF and VDDUSB.
6
Capacitor
2.2 μF
2
Used for internal regulator when it is on.
7
Capacitor
20 pF
2
Used for HSE: the value depends on the crystal
characteristics.
8
Quartz
25 MHz
1
Used for HSE.
9
Quartz
32.768 kHz
1
Used for LSE.
10
JTAG
connector
HE10-20
1
-
11
Battery
3V
1
If no external battery is used in the application, it is
recommended to connect VBAT externally to VDD.
12
Switch
SPDT
1
Used to select the right boot mode.
13
Push-button
B1
1
Reset button
14
Jumper
3 pins
2
Used to select VBAT source, and BYPASS_REG pin.
15
Ferrite bead
FCM1608KF
-601T03
1
Additional decoupling for VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com