Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 5Page - STMicroelectronics AN4661 Datasheet HTML 6Page - STMicroelectronics AN4661 Datasheet HTML 7Page - STMicroelectronics AN4661 Datasheet HTML 8Page - STMicroelectronics AN4661 Datasheet HTML 9Page - STMicroelectronics AN4661 Datasheet HTML 10Page - STMicroelectronics AN4661 Datasheet HTML 11Page - STMicroelectronics AN4661 Datasheet HTML 12Page - STMicroelectronics AN4661 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DocID027559 Rev 1
9/33
AN4661
Power supplies
32
Figure 1. Power supply scheme
1. Optional. If a separate, external reference voltage is connected on VREF+, the two capacitors (100 nF and
1 μF) must be connected.
2. VREF+ is either connected to VREF+ or to VDDA (depending on package).
3. VREF- is either connected to VREF- or to VSSA (depending on package).
4. 19 is the number of VDD and VSS inputs.
5. Refer to Section 1.3.7: Regulator ON/OFF and internal reset ON/OFF availability to connect
BYPASS_REG and PDR_ON pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com