Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 20Page - STMicroelectronics AN4661 Datasheet HTML 21Page - STMicroelectronics AN4661 Datasheet HTML 22Page - STMicroelectronics AN4661 Datasheet HTML 23Page - STMicroelectronics AN4661 Datasheet HTML 24Page - STMicroelectronics AN4661 Datasheet HTML 25Page - STMicroelectronics AN4661 Datasheet HTML 26Page - STMicroelectronics AN4661 Datasheet HTML 27Page - STMicroelectronics AN4661 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Recommendations
AN4661
24/33
DocID027559 Rev 1
6
Recommendations
6.1
Printed circuit board
For technical reasons, it is best to use a multilayer printed circuit board (PCB) with a
separate layer dedicated to ground (VSS) and another dedicated to the VDD supply. This
provides good decoupling and a good shielding effect. For many applications, economical
reasons prohibit the use of this type of board. In this case, the major requirement is to
ensure a good structure for ground and for the power supply.
6.2
Component position
A preliminary layout of the PCB must separate the different circuits according to their EMI
contribution in order to reduce cross-coupling on the PCB, that is noisy, high-current circuits,
low-voltage circuits, and digital components.
6.3
Ground and power supply (VSS,VDD)
Every block (noisy, low-level sensitive, digital, etc.) should be grounded individually and all
ground returns should be to a single point. Loops must be avoided or have a minimum area.
The power supply should be implemented close to the ground line to minimize the area of
the supply loop. This is due to the fact that the supply loop acts as an antenna, and is
therefore the main transmitter and receiver of EMI. All component-free PCB areas must be
filled with additional grounding to create a kind of shielding (especially when using single-
layer PCBs).
6.4
Decoupling
All power supply and ground pins must be properly connected to the power supplies. These
connections, including pads, tracks and vias should have as low impedance as possible.
This is typically achieved with thick track widths and, preferably, the use of dedicated power
supply planes in multilayer PCBs.
In addition, each power supply pair should be decoupled with filtering ceramic capacitors
(100 nF) and one single tantalum or ceramic capacitor (min. 4.7 μF) connected in parallel.
These capacitors need to be placed as close as possible to, or below, the appropriate pins
on the underside of the PCB. Typical values are 10 nF to 100 nF, but the exact values
depend on the application needs. Figure 15 shows the typical layout of such a VDD/VSS
pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com