Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 3Page - STMicroelectronics AN4661 Datasheet HTML 4Page - STMicroelectronics AN4661 Datasheet HTML 5Page - STMicroelectronics AN4661 Datasheet HTML 6Page - STMicroelectronics AN4661 Datasheet HTML 7Page - STMicroelectronics AN4661 Datasheet HTML 8Page - STMicroelectronics AN4661 Datasheet HTML 9Page - STMicroelectronics AN4661 Datasheet HTML 10Page - STMicroelectronics AN4661 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DocID027559 Rev 1
7/33
AN4661
Power supplies
32
If no external battery is used in the application, it is recommended to connect the VBAT pin
to VDD with a 100 nF external decoupling ceramic capacitor in parallel.
When the backup domain is supplied by VDD (analog switch connected to VDD), the
following functions are available:
•
PC14 and PC15 can be used as either GPIO or LSE pins.
•
PC13 and PI8 can be used as a GPIO pin (refer to RM0385 RTC PC13 pin
configuration table and RTC PI8 pin configuration table, for more details about these
pin configurations).
Note:
Due to the fact that the switch only sinks a limited amount of current (3 mA), the use of
GPIOs PI8 and PC13 to PC15 is restricted: only one I/O at a time can be used as an output,
the speed has to be limited to 2 MHz with a maximum load of 30 pF and these I/Os must not
be used as a current source (e.g. to drive an LED).
When the backup domain is supplied by VBAT (analog switch connected to VBAT because
VDD is not present), the following functions are available:
•
PC14 and PC15 can be used as LSE pins only.
•
PC13 can be used as tamper pin (TAMP1).
•
PI8 can be used as tamper pin (TAMP2).
1.1.4
Voltage regulator
The voltage regulator is always enabled after reset. It works in three different modes
depending on the application modes.
•
In Run mode, the regulator supplies full power to the 1.2 V domain (core, memories
and digital peripherals).
•
In Stop mode, the regulator supplies low power to the 1.2 V domain, preserving the
contents of the registers and SRAM.
•
In Standby mode, the regulator is powered down. The contents of the registers and
SRAM are lost except for those concerned with the standby circuitry and the backup
domain.
Note:
Depending on the selected package, there are specific pins that should be connected either
to VSS or VDD to activate or deactivate the voltage regulator. Refer to the voltage regulator
section in the datasheet for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com