Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 4Page - STMicroelectronics AN4661 Datasheet HTML 5Page - STMicroelectronics AN4661 Datasheet HTML 6Page - STMicroelectronics AN4661 Datasheet HTML 7Page - STMicroelectronics AN4661 Datasheet HTML 8Page - STMicroelectronics AN4661 Datasheet HTML 9Page - STMicroelectronics AN4661 Datasheet HTML 10Page - STMicroelectronics AN4661 Datasheet HTML 11Page - STMicroelectronics AN4661 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Power supplies
AN4661
8/33
DocID027559 Rev 1
1.2
Power supply scheme
•
VDD = 1.7 to 3.6 V: external power supply for I/Os and the internal regulator (when
enabled), provided externally through VDD pins. The VDD pins must be connected to
VDD with external decoupling capacitors: one single tantalum or ceramic capacitor
(min. 4.7 μF) for the package + one 100 nF ceramic capacitor for each VDD pin.
•
VSSA, VDDA = 1.7 to 3.6 V: external analog power supplies for ADC, DAC, Reset
blocks, RCs and PLL. VDDA and VSSA must be connected to VDD and VSS,
respectively.
The VDDA pin must be connected to two external decoupling capacitors (100 nF
ceramic + 1 μF tantalum or ceramic).
•
VDDUSB can be connected either to VDD or an external independent power supply
(3.0 to 3.6V) for USB transceivers. For example, when the device is powered at 1.8V,
an independent power supply 3.3V can be connected to VDDUSB.
The VDDUSB pin must be connected to two external decoupling capacitors (100 nF
ceramic + 1 μF tantalum or ceramic).
•
VBAT = 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and
backup registers (through power switch) when VDD is not present.
The VBAT pin can be connected to the external battery (1.65 V < VBAT < 3.6 V). If no
external battery is used, it is recommended to connect this pin to VDD with a 100 nF
external ceramic decoupling capacitor.
Note:
VDD/VDDA minimum value of 1.7 V is obtained when the internal reset is OFF (refer to
Section 1.3.4: Internal reset OFF).
•
The VREF+ pin can be connected to the VDDA external power supply. If a separate,
external reference voltage is applied on VREF+, a 100 nF and a 1 μF capacitors must
be connected on this pin. In all cases, VREF+ must be kept between (VDDA-1.2 V) and
VDDA with minimum of 1.7 V.
•
Additional precautions can be taken to filter analog noise:
–
VDDA can be connected to VDD through a ferrite bead.
–
The VREF+ pin can be connected to VDDA through a resistor (typ. 47 Ω).
•
For the voltage regulator configuration, there is specific BYPASS_REG pin (not
available on all packages) that should be connected either to VSS or VDD to activate or
deactivate the voltage regulator specific.
–
Refer to the voltage regulator section of the related device datasheet for more
details.
•
When the voltage regulator is enabled, VCAP1 and VCAP2 pins must be connected to
2*2.2 μF low ESR < 2Ω ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com