Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 6Page - STMicroelectronics AN4661 Datasheet HTML 7Page - STMicroelectronics AN4661 Datasheet HTML 8Page - STMicroelectronics AN4661 Datasheet HTML 9Page - STMicroelectronics AN4661 Datasheet HTML 10Page - STMicroelectronics AN4661 Datasheet HTML 11Page - STMicroelectronics AN4661 Datasheet HTML 12Page - STMicroelectronics AN4661 Datasheet HTML 13Page - STMicroelectronics AN4661 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Power supplies
AN4661
10/33
DocID027559 Rev 1
1.3
Reset & power supply supervisor
1.3.1
Power-on reset (POR)/power-down reset (PDR)
The device has an integrated POR/PDR circuitry that allows proper operation starting from
1.8 V.
The device remains in reset mode when VDD/VDDA is below a specified threshold,
VPOR/PDR, without the need for an external reset circuit. For more details concerning the
power on/power-down reset threshold, refer to the electrical characteristics of the
datasheet.
Figure 2. Power on reset/power down reset waveform
1. tRSTTEMPO is approximately 2.6 ms. VPOR/PDR rising edge is 1.74 V (typ.) and VPOR/PDR falling edge
is 1.70 V (typ.). Refer to STM32F756xx datasheets for the actual value.
On packages embedding the PDR_ON pin, the power supply supervisor is enabled by
holding PDR_ON high. On the other packages, the power supply supervisor is always
enabled.
1.3.2
Programmable voltage detector (PVD)
The PVD can be used to monitor the VDD power supply by comparing it to a threshold
selected by the PLS[2:0] bits in the PWR power control register (PWR_CR1).
The PVD is enabled by setting the PVDE bit.
A PVDO flag is available, in the PWR power control/status register (PWR_CSR1), to
indicate if VDD is higher or lower than the PVD threshold. This event is internally connected
to the EXTI line16 and can generate an interrupt if enabled through the EXTI registers.
The PVD output interrupt can be generated when VDD drops below the PVD threshold
and/or when VDD rises above the PVD threshold depending on EXTI line16 rising/falling
edge configuration. As an example the service routine could perform emergency shutdown
tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com