Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 15Page - STMicroelectronics AN4661 Datasheet HTML 16Page - STMicroelectronics AN4661 Datasheet HTML 17Page - STMicroelectronics AN4661 Datasheet HTML 18Page - STMicroelectronics AN4661 Datasheet HTML 19Page - STMicroelectronics AN4661 Datasheet HTML 20Page - STMicroelectronics AN4661 Datasheet HTML 21Page - STMicroelectronics AN4661 Datasheet HTML 22Page - STMicroelectronics AN4661 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
DocID027559 Rev 1
19/33
AN4661
Boot configuration
32
4
Boot configuration
4.1
Boot mode selection
In the STM32F746xx/STM32F756xx devices, two different boot spaces can be selected
through the BOOT pin and the boot base address programmed in the BOOT_ADD0 or
BOOT_ADD1 option bytes as shown in the Table 3.
The BOOT_ADD0 and BOOT_ADD1 address option bytes allow to program any boot
memory address from 0x0000 0000 to 0x2004 FFFF which include:
•
All Flash memory address space mapped on ITCM or AXIM interface.
•
All RAM address space: ITCM, DTCM RAMs and SRAMs mapped on AXIM interface.
•
The system memory bootloader.
The BOOT_ADD0 / BOOT_ADD1 option bytes can be modified after reset in order to boot
from any other boot address after next reset.
If the programmed boot memory address is out of the memory mapped area or a reserved
area, the default boot fetch address is programmed as follows:
•
Boot address 0: ITCM-FLASH at 0x0020 0000
•
Boot address 1: ITCM-RAM at 0x0000 0000
When flash level 2 protection is enabled, only boot from Flash memory (on ITCM or AXIM
interface) or system bootloader will be available. If the already programmed boot address in
the BOOT_ADD0 and/or BOOT_ADD1 option bytes is out of the memory range or RAM
address (on ITCM or AXIM) the default fetch will be forced from Flash memory on ITCM
interface at address 0x00200000.
Table 3. Boot modes
STM32F746xx/STM32F756xx
Boot mode selection
Boot space
BOOT pin
Boot address
option bytes
0
BOOT_ADD0 [15:0]
– Boot address defined by user option byte BOOT_ADD0[15:0]
- ST programmed value: Flash on ITCM at 0x0020 0000
1
BOOT_ADD1 [15:0]
– Boot address defined by user option byte BOOT_ADD1[15:0]
- ST programmed value: System bootloader at 0x0010 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com