Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 13Page - STMicroelectronics AN4661 Datasheet HTML 14Page - STMicroelectronics AN4661 Datasheet HTML 15Page - STMicroelectronics AN4661 Datasheet HTML 16Page - STMicroelectronics AN4661 Datasheet HTML 17Page - STMicroelectronics AN4661 Datasheet HTML 18Page - STMicroelectronics AN4661 Datasheet HTML 19Page - STMicroelectronics AN4661 Datasheet HTML 20Page - STMicroelectronics AN4661 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DocID027559 Rev 1
17/33
AN4661
Clocks
32
3.1.2
External crystal/ceramic resonator (HSE crystal)
The external oscillator frequency ranges from 4 to 26 MHz. The external oscillator has the
advantage of producing a very accurate rate on the main clock. The associated hardware
configuration is shown in Figure 9. Using a 25 MHz oscillator frequency is a good choice to
get accurate Ethernet, USB OTG high-speed peripheral, I2S and SAI.
The resonator and the load capacitors have to be connected as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The load
capacitance values must be adjusted according to the selected oscillator.
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5 pF-to-
25 pF range (typ.), designed for high-frequency applications and selected to meet the
requirements of the crystal or resonator. CL1 and CL2, are usually the same value. The
crystal manufacturer typically specifies a load capacitance that is the series combination of
CL1 and CL2. The PCB and MCU pin capacitances must be included when sizing CL1 and
CL2 (10 pF can be used as a rough estimate of the combined pin and board capacitance).
The HSERDY flag in the RCC clock control register (RCC_CR) indicates if the high-speed
external oscillator is stable or not. At startup, the clock is not released until this bit is set by
hardware. An interrupt can be generated if enabled in the RCC clock interrupt register
(RCC_CIR).
The HSE crystal can be switched on and off using the HSEON bit in the RCC clock control
register (RCC_CR).
3.2
LSE OSC clock
The low-speed external clock signal (LSE) can be generated from two possible clock
sources:
•
LSE user external clock (see Figure 10).
•
LSE external crystal/ceramic resonator (see Figure 11).
1. Figure 11: LSE crystal/ceramic resonators:
To avoid exceeding the maximum value of CL1 and CL2 (15 pF) it is strongly recommended to use a
resonator with a load capacitance CL ≤ 7 pF.
2. Figure 10: LSE external clock and Figure 11: LSE crystal/ceramic resonators:
OSC32_IN and OSC32_OUT pins can be used also as GPIO, but it is recommended not to use them as
both RTC and GPIO pins in the same application.
The LSE oscillator is switched on and off using the LSEON bit in RCC backup domain
control register (RCC_BDCR).
Figure 10. LSE external clock
Figure 11. LSE crystal/ceramic resonators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com