Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4661 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 25Page - STMicroelectronics AN4661 Datasheet HTML 26Page - STMicroelectronics AN4661 Datasheet HTML 27Page - STMicroelectronics AN4661 Datasheet HTML 28Page - STMicroelectronics AN4661 Datasheet HTML 29Page - STMicroelectronics AN4661 Datasheet HTML 30Page - STMicroelectronics AN4661 Datasheet HTML 31Page - STMicroelectronics AN4661 Datasheet HTML 32Page - STMicroelectronics AN4661 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DocID027559 Rev 1
29/33
AN4661
Reference design
32
Table 9. Reference connection for all packages
Pin Name
PA13 (JTMS-SWDIO)
72
D3
105
A15
124
147
A15
PA14 (JTCK-SWCLK)
76
B1
109
A14
137
159
A14
PA15 (JTDI)
77
C2
110
A13
138
160
A13
PB3 (JTDO/TRACESWO)
89
B7
133
A10
161
192
A10
PB4 (NJTRST)
90
C7
134
A9
162
193
A9
PC14 (PC14-OSC32_IN)(1)(2)
8
D11
8E19
9
E1
PC15 (PC15-OSC32_OUT)(1)(2)
9E11
9
F1
10
10
F1
PH0 (PH0-OSC_IN)(2)
12
J11
23
G1
29
32
G1
PH1 (PH1-OSC_OUT)(2)
13
H10
24
H1
30
33
H1
BOOT0
94
C9
138
D6
166
197
E6
NRST
14
H9
25
J1
31
34
J1
BYPASS_REG
-N11
-
L4
48
-
L5
PDR_ON
-
A11
143
C6
171
203
E5
VBAT
6
C11
6C16
6
C1
VDDA
21
L10
33
R1
39
42
R1
VREF+
20
L11
32
P1
38
41
P1
VSSA
19
K10
31M137
40
M1
VREF-
--
-
N1
-
-
N1
VCAP1
48
N2
71
M10
81
92
L11
VCAP2
73
D1
106
F13
125
148
E11
VDD
50
J6
72
N10
82
94
L10
VDD
75
C1
108
G13
127
150
F11
VDD
100
D7
144
C5
172
204
E7
VDDUSB
-
G1
95
H13
114
137
G11
VDD
27
J8
39
K4
49
52
K5
VDD
11
-
17
G3
23
26
H5
VDD
-
-
52
N8
62
73
L8
VDD
-J5
62
N9
72
83
L9
VDD
-
L1
84
J13
103
115
J11
VDD
-
C5
121
C8
149
171
E9
VDD
-
E6
131
C7
159
185
E8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com