Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
RF69
Page 11
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
2. Electrical Characteristics
2.1. ESD Notice
The RF69 is a high performance radio frequency device. It satisfies:
 Class 2 of the JEDEC standard JESD22-A114-B (Human Body Model) on all pins.
 Class B of the JEDEC standard JESD22-A115-A (Machine Model) on all pins.
 Class IV of the JEDEC standard JESD22-C101C (Charged Device Model) on pins 2-3-21-23-24, Class III on all other
pins.
It should thus be handled with all the necessary ESD precautions to avoid any permanent damage.
2.2. Absolute Maximum Ratings
Stresses above the values listed below may cause permanent device failure. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
Table 2
Absolute Maximum Ratings
Symbol
Description
Min
Max
Unit
VDDmr
Supply Voltage
-0.5
3.9
V
Tmr
Temperature
-55
+115
°
C
Tj
Junction temperature
-
+125
°
C
Pmr
RF Input Level
-
+6
dBm
DC_20dBm
Duty Cycle of transmission at +20dBm output
-
1
%
VSWR_20dBm
Maximum VSW R at antenna port
-
3:1
-
2.3. Operating Range
Table 3
Operating Range
Symbol
Description
Min
Max
Unit
VDDop
Supply voltage(1.8V-2.4V 17dBm, 2.4V- 3.6V 20dBm)
1.8
3.6
V
Top
Operational temperature range
-40
+85
°C
Clop
Load capacitance on digital ports
-
25
pF
ML
RF Input Level
-
0
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com