Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF69 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
RF69
Page 12
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
2.4. Chip Specification
The tables below give the electrical specifications of the transceiver under the following conditions: Supply voltage VBAT1=
VBAT2=VDD=3.3 V, temperature = 25 °
C, FXOSC = 32 MHz, FRF = 915 MHz, Pout = +13dBm, 2-level FSK modulation
without pre-filtering, FDA = 5 kHz, Bit Rate = 4.8 kb/s and terminated in a matched 50 Ohm impedance, unless otherwise
specified.
Note
Unless otherwise specified, the performances in the other frequency bands are similar or better.
2.4.1. Power Consumption
Table 4
Power Consumption Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
IDDSL
Supply current in Sleep mode
-
0.1
1
uA
IDDIDLE
Supply current in Idle mode
RC oscillator enabled
-
1.2
-
uA
IDDST
Supply current in Standby mode
Crystal oscillator enabled
-
1.25
1.5
mA
IDDFS
Supply current in Synthesizer
mode
-
9
-
mA
IDDR
Supply current in Receive mode
-
16
-
mA
IDDT
Supply current in Transmit mode
with appropriate matching, sta-
ble across VDD range
RFOP = +20 dBm, on PA_BOOST
RFOP = +17 dBm, on PA_BOOST
RFOP = +13 dBm, on RFIO pin
RFOP = +10 dBm, on RFIO pin
RFOP =
0 dBm, on RFIO pin
RFOP =
-1 dBm, on RFIO pin
-
-
-
-
-
-
130
95
45
33
20
16
-
-
-
-
-
-
mA
mA
mA
mA
mA
mA
2.4.2. Frequency Synthesis
Table 5
Frequency Synthesizer Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
FR
Synthesizer Frequency Range
Programmable
290
431
862
-
-
-
340
510
1020
MHz
MHz
MHz
FXOSC
Crystal oscillator frequency
See section 7.1
-
32
-
MHz
TS_OSC
Crystal oscillator wake-up time
-
250
500
us
TS_FS
Frequency synthesizer wake-up
time to PllLock signal
From Standby mode
-
80
150
us
TS_HOP
Frequency synthesizer hop time
at most 10 kHz away from the
target
200 kHz step
1 MHz step
5 MHz step
7 MHz step
12 MHz step
20 MHz step
25 MHz step
-
-
-
-
-
-
-
20
20
50
50
80
80
80
-
-
-
-
-
-
-
us
us
us
us
us
us
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com